データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA1517DWPRG4 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA1517DWPRG4
部品情報  6-W STEREO AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA1517DWPRG4 データシート(HTML) 11 Page - Texas Instruments

Back Button TPA1517DWPRG4 Datasheet HTML 7Page - Texas Instruments TPA1517DWPRG4 Datasheet HTML 8Page - Texas Instruments TPA1517DWPRG4 Datasheet HTML 9Page - Texas Instruments TPA1517DWPRG4 Datasheet HTML 10Page - Texas Instruments TPA1517DWPRG4 Datasheet HTML 11Page - Texas Instruments TPA1517DWPRG4 Datasheet HTML 12Page - Texas Instruments TPA1517DWPRG4 Datasheet HTML 13Page - Texas Instruments TPA1517DWPRG4 Datasheet HTML 14Page - Texas Instruments TPA1517DWPRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
APPLICATION INFORMATION
AMPLIFIER OPERATION
Mute
Standby
CB
VCC
IN2
SGND
PGND
IN1
1
CIR
Right
Ref
Left
Mute/Standby Select
(see Note B)
COR
COL
SVRR
OUT1
M/SB
OUT2
2
5
3
9
10 k
6.8 k
VCC
2 k
2 k
18 k
18 k
GND/HS
4
8
6
10 – 20
Copper Plane
Mute/Standby Switch
(see Note A)
CS
VCC
VCC
7
+
+
OUT2
+
+
+
60 k
2.1 Vref
+
2.1 Vref
× 1
× 1
60 k
× 1
15 k
15 k
CIL
S1
S2
1
µF
470
µF
470
µF
1
µF
1
µF
2.2
µF
G
dB + 20 LOG GV V
TPA1517
SLOS162D – MARCH 1997 – REVISED FEBRUARY 2007
The TPA1517 is a stereo audio power amplifier designed to drive 4-
Ω speakers at up to 6 W per channel.
Figure 23 is a schematic diagram of the minimum recommended configuration of the amplifier. Gain is internally
fixed at 20 dB (gain of 10 V/V).
A.
When S1 is open, the TPA1517 operates normally. When this switch is closed, the device is in mute/standby mode.
B.
When S2 is open, activating S1 places the TPA1517 in mute mode. When S2 is closed, activating S1 places the
TPA1517 in standby mode.
C.
The terminal numbers are for the 20-pin NE package.
Figure 23. TPA1517 Minimum Configuration
The following equation is used to relate gain in V/V to dB:
11
Submit Documentation Feedback


同様の部品番号 - TPA1517DWPRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA1517DWPRG4 TI1-TPA1517DWPRG4 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA1517DWPRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com