データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N914A データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 1N914A
部品情報  Small Signal Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N914A データシート(HTML) 1 Page - Fairchild Semiconductor

  1N914A Datasheet HTML 1Page - Fairchild Semiconductor 1N914A Datasheet HTML 2Page - Fairchild Semiconductor 1N914A Datasheet HTML 3Page - Fairchild Semiconductor 1N914A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
1N/FDLL 914/A/B / 916/A/B / 4148 / 4448 Rev. B2
January 2007
1N/FDLL 914/A/B / 916/A/B / 4148 / 4448
Small Signal Diode
Absolute Maximum Ratings* T
a=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
100
V
IO
Average Rectified Forward Current
200
mA
IF
DC Forward Current
300
mA
if
Recurrent Peak Forward Current
400
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
Pulse Width = 1.0 microsecond
1.0
4.0
A
A
TSTG
Storage Temperature Range
-65 to + 175
°C
TJ
Operating Junction Tempera
-65 to + 175
°C
Symbol
Parameter
Max.
Units
1N/FDLL 914/A/B / 4148 / 4448
PD
Power Dissipation
500
mW
RθJA
Thermal Resistance, Junction to Ambient
300
°C/W
LL-34
THE PLACEMENT OF THE EXPANSION GAP
HAS NO RELATIONSHIP TO THE LOCATION
OF THE CATHODE TERMINAL
LL-34 COLOR BAND MARKING
DEVICE
1ST BAND
2ND BAND
FDLL914
BLACK
BROWN
FDLL914A
BLACK
GRAY
DO-35
FDLL914B
BROWN
BLACK
FDLL916
BLACK
RED
FDLL916A
BLACK
WHITE
FDLL916B
BROWN
BROWN
FDLL4148
BLACK
BROWN
FDLL4448
BROWN
BLACK
-1st band denotes cathode terminal
and has wider width
Cathode is denoted with a black band


同様の部品番号 - 1N914A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
1N914A FAIRCHILD-1N914A Datasheet
78Kb / 4P
   Small Signal Diode
logo
Frontier Electronics.
1N914A FRONTIER-1N914A Datasheet
126Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Micro Commercial Compon...
1N914A MCC-1N914A Datasheet
86Kb / 3P
   500mW 100 Volt Silicon Epitaxial Diodes
logo
Shenzhen Luguang Electr...
1N914A LUGUANG-1N914A Datasheet
210Kb / 3P
   Small Signal Switching Diodes
logo
National Semiconductor ...
1N914A NSC-1N914A Datasheet
138Kb / 1P
   Diode Data
More results

同様の説明 - 1N914A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
1N456A FAIRCHILD-1N456A Datasheet
25Kb / 2P
   Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
   Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
   Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
   Small Signal Diode
FDLL4151 FAIRCHILD-FDLL4151 Datasheet
20Kb / 2P
   Small Signal Diode
1N485B FAIRCHILD-1N485B Datasheet
61Kb / 2P
   Small Signal Diode
1N4305 FAIRCHILD-1N4305 Datasheet
27Kb / 2P
   Small Signal Diode
1N4447 FAIRCHILD-1N4447_11 Datasheet
96Kb / 2P
   Small Signal Diode
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
   Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
   Small Signal Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com