データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2000D4 データシート(PDF) 6 Page - Texas Instruments

部品番号 TPA2000D4
部品情報  STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D4 データシート(HTML) 6 Page - Texas Instruments

Back Button TPA2000D4_07 Datasheet HTML 2Page - Texas Instruments TPA2000D4_07 Datasheet HTML 3Page - Texas Instruments TPA2000D4_07 Datasheet HTML 4Page - Texas Instruments TPA2000D4_07 Datasheet HTML 5Page - Texas Instruments TPA2000D4_07 Datasheet HTML 6Page - Texas Instruments TPA2000D4_07 Datasheet HTML 7Page - Texas Instruments TPA2000D4_07 Datasheet HTML 8Page - Texas Instruments TPA2000D4_07 Datasheet HTML 9Page - Texas Instruments TPA2000D4_07 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TPA2000D4
STEREO 2W CLASSD AUDIO POWER AMPLIFIER
WITH STEREO HP AMPLIFIER
SLOS337B − DECEMBER 2000 − REVISED NOVEMBER 2005
6
WWW.TI.COM
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Efficiency
vs Output power
2, 3
FFT at 1.5-W Output Power
vs Frequency
4
Supply current
vs Free-air temperature
5
Total harmonic distortion + noise
vs Frequency
6, 7
Total harmonic distortion + noise
vs Output power
8, 9
Class-D gain and phase
vs Frequency
10
Class-D crosstalk
vs Frequency
11
Power dissipation
vs Output power
12
FFT at 1.5-W output power
vs Frequency
13
Supply voltage rejection ratio
vs Frequency
14
Headphone total harmonic distortion + noise
vs Frequency
15, 16, 22
Headphone total harmonic distortion + noise
vs Output power
17
Headphone closed-loop gain and phase
vs Frequency
18
Headphone open-loop gain and phase
vs Frequency
19
Headphone crosstalk
vs Frequency
20, 24
Headphone supply voltage rejection ratio
vs Frequency
21
Headphone total harmonic distortion + noise
vs Output voltage
23
Headphone supply current
vs Output voltage
25
Headphone supply current
vs Output power
26
test set-up for graphs
The THD+N measurements shown do not use an LC output filter, but use a low pass filter with a cut-off frequency
of 20 kHz so the switching frequency does not dominate the measurement. This is done to ensure that the
THD+N measured is just the audible THD+N. The THD+N measurements are shown at the highest gain for
worst case.
The LC output filter used in the efficiency curves (Figure 2 and Figure 3) is shown in Figure 1.
L1 = L2 = 22
µH (DCR = 110 mΩ,
Part Number = SCD0703T−220 M−S,
Manufacturer = GCI)
C1 = C2 = 1
µF
The ferrite filter used in the efficiency curves (Figure 2 and Figure 3) is shown in Figure 1, where L is a ferrite
bead.
L1 = L2 = ferrite bead (part number = 2512067007Y3, manufacturer = Fair-Rite) C1 = C2 = 1 nF
C2
C1
L1
L2
OUT−
OUT+
Figure 1. Class-D Output Filter


同様の部品番号 - TPA2000D4_07

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2000D4DAP TI-TPA2000D4DAP Datasheet
412Kb / 24P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
More results

同様の説明 - TPA2000D4_07

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2000D4 TI-TPA2000D4 Datasheet
412Kb / 24P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com