データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2008D2 データシート(PDF) 9 Page - Texas Instruments

部品番号 TPA2008D2
部品情報  3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2008D2 データシート(HTML) 9 Page - Texas Instruments

Back Button TPA2008D2_07 Datasheet HTML 5Page - Texas Instruments TPA2008D2_07 Datasheet HTML 6Page - Texas Instruments TPA2008D2_07 Datasheet HTML 7Page - Texas Instruments TPA2008D2_07 Datasheet HTML 8Page - Texas Instruments TPA2008D2_07 Datasheet HTML 9Page - Texas Instruments TPA2008D2_07 Datasheet HTML 10Page - Texas Instruments TPA2008D2_07 Datasheet HTML 11Page - Texas Instruments TPA2008D2_07 Datasheet HTML 12Page - Texas Instruments TPA2008D2_07 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.ti.com
PO − Output Power − W
VDD = 5 V
RL = 4 Ω
Gain = 0 dB
0.01
1
10
f = 1 kHz
f = 20 Hz
0.1
0.01
0.1
1
3
f = 20 kHz
0.01
1
10
0.1
PO − Output Power − W
VDD = 5 V
RL = 8 Ω
Gain = 0 dB
f = 1 kHz
f = 20 Hz
0.01
0.1
1
2
f = 20 kHz
f − Frequency − Hz
−80
−75
−70
−65
−60
−55
−50
−45
−40
20
VDD = 5 V
C(BYPASS) = 1 µF
100
1k
10k
20k
RL = 3 Ω
RL = 4 Ω
RL = 8 Ω
f − Frequency − Hz
−110
−100
−90
−80
−70
−60
−50
−40
−30
20
VDD = 5 V
Gain = 20 dB
C(BYPASS) = 1 µF
100
1k
10k
20k
PO = 2 W,
RL = 4 Ω
PO = 1 W,
RL = 8 Ω
TPA2008D2
SLOS413C – JULY 2003 – REVISED MAY 2004
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 7.
Figure 8.
SUPPLY RIPPLE REJECTION RATIO
CROSSTALK
vs
vs
FREQUENCY
FREQUENCY
Figure 9.
Figure 10.
9


同様の部品番号 - TPA2008D2_07

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

同様の説明 - TPA2008D2_07

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA2008 EUTECH-EUA2008 Datasheet
178Kb / 1P
   3-W Stereo Class-D Audio Amplifier with 32-Step DC Volume Control
logo
Texas Instruments
TPA3003D2 TI-TPA3003D2_06 Datasheet
511Kb / 34P
[Old version datasheet]   3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com