データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2006D1DRBRG4 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2006D1DRBRG4
部品情報  1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2006D1DRBRG4 データシート(HTML) 5 Page - Texas Instruments

  TPA2006D1DRBRG4 Datasheet HTML 1Page - Texas Instruments TPA2006D1DRBRG4 Datasheet HTML 2Page - Texas Instruments TPA2006D1DRBRG4 Datasheet HTML 3Page - Texas Instruments TPA2006D1DRBRG4 Datasheet HTML 4Page - Texas Instruments TPA2006D1DRBRG4 Datasheet HTML 5Page - Texas Instruments TPA2006D1DRBRG4 Datasheet HTML 6Page - Texas Instruments TPA2006D1DRBRG4 Datasheet HTML 7Page - Texas Instruments TPA2006D1DRBRG4 Datasheet HTML 8Page - Texas Instruments TPA2006D1DRBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
TEST SET-UP FOR GRAPHS
TPA2006D1
IN+
IN-
OUT+
OUT-
VDD
GND
CI
CI
RI
RI
Measurement
Output
+
-
1 F
m
+
-
VDD
Load
30-kHz
Low-Pass
Filter
Measurement
Input
+
-
TPA2006D1
SLOS498 – SEPTEMBER 2006
FIGURE
Efficiency
vs Output power
1
PD
Power dissipation
vs Output power
2
Supply current
vs Output power
3
I(Q)
Quiescent current
vs Supply voltage
4
I(SD)
Shutdown current
vs Shutdown voltage
5
vs Supply voltage
8
PO
Output power
vs Load resistance
6, 7
vs Output power
9
THD+N
Total harmonic distortion plus noise
vs Frequency
10, 11, 12
vs Common-mode input voltage
13
KSVR
Supply ripple rejection ratio
vs Frequency
14, 15
vs Time
16
GSM power supply rejection
vs Frequency
17
KSVR
Supply ripple rejection ratio
vs Common-mode input voltage
18
vs Frequency
19
CMRR
Common-mode rejection ratio
vs Common-mode input voltage
20
A.
CI is shorted for any common-mode input voltage measurement.
B.
A 33-
µH inductor is placed in series with the load resistor to emulate a small speaker for efficiency measurements.
C.
The 30-kHz low-pass filter is required even if the analyzer has an internal low-pass filter. An RC low-pass filter
(100
Ω, 47 nF) is used on each output for the data sheet graphs.
5
Submit Documentation Feedback


同様の部品番号 - TPA2006D1DRBRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2006D1DRBRG4 TI1-TPA2006D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
More results

同様の説明 - TPA2006D1DRBRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2006D1 TI-TPA2006D1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA2006D1 1.45-W MONO Filter-free Class-D Audio Power Amplifier with 1.8-V Compatible Input Thresholds
TPA6205A1 TI-TPA6205A1_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI1-TPA6205A1_17 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1 TI-TPA6205A1 Datasheet
911Kb / 24P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI-TPA6205A1_07 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
SLOS490TPA6205A1 TI-SLOS490TPA6205A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com