データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2012D2YZH データシート(PDF) 8 Page - Texas Instruments

部品番号 TPA2012D2YZH
部品情報  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2YZH データシート(HTML) 8 Page - Texas Instruments

Back Button TPA2012D2YZH Datasheet HTML 4Page - Texas Instruments TPA2012D2YZH Datasheet HTML 5Page - Texas Instruments TPA2012D2YZH Datasheet HTML 6Page - Texas Instruments TPA2012D2YZH Datasheet HTML 7Page - Texas Instruments TPA2012D2YZH Datasheet HTML 8Page - Texas Instruments TPA2012D2YZH Datasheet HTML 9Page - Texas Instruments TPA2012D2YZH Datasheet HTML 10Page - Texas Instruments TPA2012D2YZH Datasheet HTML 11Page - Texas Instruments TPA2012D2YZH Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
NoOutputFilter
0.1
1
20
100
1 k
10 k
20 k
f − Frequency − Hz
VDD = 5 V,
RL = 8 W,
CI = 1 mF,
AV = 6 dB
0.01
380 mW
775 mW
1.16 W
0
1
2
3
4
5
6
0
1
2
3
4
5
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
VSD − Shutdown Voltage − V
0
200
400
600
800
1000
1200
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2
VDD = 2.5 V, RL = 4 W, 33 mH
IDD is for Both Channels
VDD = 5 V, RL = 4 W, 33 mH
VDD = 3.6 V, RL = 4 W, 33 mH
PO − Output Power/Channel − W
0
100
200
300
400
500
600
700
800
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
VDD = 2.5 V, RL = 8 W, 33 mH
VDD = 3.6 V, RL = 8 W, 33 mH
VDD = 5 V, RL = 8 W, 33 mH
IDD is for Both Channels
PO − Output Power/Channel − W
−140
−120
−100
−80
−60
−40
−20
0
100
1 k
10 k
f − Frequency − Hz
2.5 V R to L
5 V R to L
3.6 V R to L
5 V L to R
3.6 V L to R
RI = 8 W
20 k
20
2.5 V L to R
−120
−100
−80
−60
−40
−20
0
100
1 k
10 k
f − Frequency − Hz
2.5 V R to L
2.5 V L to R
3.6 V L to R
3.6 V R to L
5 V R to L
5 V L to R
20 k
20
RI = 4 W
−100
−90
−80
−70
−60
−50
−40
−30
100
1 k
10 k
Inputs AC, Grounded,
CI = 1 mF,
RI = 4 W,
AV = 6 dB
VDD = 2.7 V
VDD = 5 V
VDD = 3.6 V
f − Frequency − Hz
20 k
20
−100
−90
−80
−70
−60
−50
−40
−30
100
1 k
10 k
Inputs AC Grounded,
CI = 1 mF,
RI = 8 W,
AV = 6 dB
VDD = 2.7 V
VDD = 5 V
VDD = 3.6 V
f − Frequency − Hz
20 k
20
TPA2012D2
SLOS438C – DECEMBER 2004 – REVISED MARCH 2007
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
vs
FREQUENCY
SHUTDOWN VOLTAGE
SUPPLY VOLTAGE
Figure 10.
Figure 11.
Figure 12.
SUPPLY CURRENT
SUPPLY CURRENT
CROSSTALK
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
POWER SUPPLY
POWER SUPPLY
CROSSTALK
REJECTION RATIO
REJECTION RATIO
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
8
Submit Documentation Feedback


同様の部品番号 - TPA2012D2YZH

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2012D2YZHR TI1-TPA2012D2YZHR Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2YZHT TI1-TPA2012D2YZHT Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
More results

同様の説明 - TPA2012D2YZH

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com