データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3003D2PFBR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3003D2PFBR
部品情報  3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3003D2PFBR データシート(HTML) 6 Page - Texas Instruments

Back Button TPA3003D2PFBR Datasheet HTML 2Page - Texas Instruments TPA3003D2PFBR Datasheet HTML 3Page - Texas Instruments TPA3003D2PFBR Datasheet HTML 4Page - Texas Instruments TPA3003D2PFBR Datasheet HTML 5Page - Texas Instruments TPA3003D2PFBR Datasheet HTML 6Page - Texas Instruments TPA3003D2PFBR Datasheet HTML 7Page - Texas Instruments TPA3003D2PFBR Datasheet HTML 8Page - Texas Instruments TPA3003D2PFBR Datasheet HTML 9Page - Texas Instruments TPA3003D2PFBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TPA3003D2
SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003
6
www.ti.com
dc characteristics, TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
| VOS |
Output offset voltage (measured
differentially)
INN and INP connected together,
Gain = 36 dB
10
65
mV
V2P5 (terminal 4)
2.5-V Bias voltage
No load
0.45x
AVDD
0.5x
AVDD
0.55x
AVDD
V
PSRR
Power supply rejection ratio
VCC = 11.5 V to 12.5 V
−80
dB
ICC
Supply quiescent current
MUTE = 2 V, SD = 2 V
16
28.5
mA
ICC(MUTE)
MUTE mode quiescent current
MUTE = 3.5 V, SD = 2 V
7
9
mA
ICC(max power)
Supply current at max power
RL = 8 Ω, PO = 3 W
0.6
A
ICC(SD)
Supply current in shutdown mode
SD = 0.8 V
1
10
µA
VCC = 12 V,
High side
600
700
rds(on)
Drain-source on-state resistance
VCC = 12 V,
IO = 1 A,
T = 25 C
Low side
600
700
m
rds(on)
Drain-source on-state resistance
IO = 1 A,
TJ = 25°C
Total
1200
1400
m
ac characteristics, TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
kSVR
Supply ripple rejection ratio
VCC = 11.5 V to 12.5 V from 10 Hz
to 1 kHz, Gain = 36 dB
−67
dB
PO(max)
Maximum continuous output power
THD+N = 1%, f = 1 kHz, RL = 8 Ω
3
W
PO(max)
Maximum continuous output power
THD+N = 10%, f = 1 kHz, RL = 8 Ω
3.75
W
Vn
Output integrated noise floor
20 Hz to 22 kHz, No weighting filter,
Gain = 0.5 dB
−82
dBV
Crosstalk, Left
→ Right
Gain = 13.2 dB, PO = 1 W, RL = 8 Ω
−77
dB
SNR
Signal-to-noise ratio
Maximum output at THD+N < 0.5%,
f= 1 kHz, Gain = 0.5 dB
102
dB
Thermal trip point
150
°C
Thermal hystersis
20
°C


同様の部品番号 - TPA3003D2PFBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3003D2PFB TI-TPA3003D2PFB Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

同様の説明 - TPA3003D2PFBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Power Analog Micoelectr...
PAM8606 PAM-PAM8606 Datasheet
292Kb / 16P
   6W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Texas Instruments
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com