データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATMEGA32-16AC データシート(PDF) 30 Page - ATMEL Corporation

部品番号 ATMEGA32-16AC
部品情報  8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
Download  347 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32-16AC データシート(HTML) 30 Page - ATMEL Corporation

Back Button ATMEGA32-16AC Datasheet HTML 26Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 27Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 28Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 29Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 30Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 31Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 32Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 33Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 347 page
background image
30
ATmega32(L)
2503J–AVR–10/06
When this Oscillator is selected, start-up times are determined by the SUT fuses as
shown in Table 10. XTAL1 and XTAL2 should be left unconnected (NC).
Note:
1. The device is shipped with this option selected.
Oscillator Calibration Register
– OSCCAL
• Bits 7..0 – CAL7..0: Oscillator Calibration Value
Writing the calibration byte to this address will trim the Internal Oscillator to remove pro-
cess variations from the Oscillator frequency. During Reset, the 1 MHz calibration value
which is located in the signature row High Byte (address 0x00) is automatically loaded
into the OSCCAL Register. If the internal RC is used at other frequencies, the calibration
values must be loaded manually. This can be done by first reading the signature row by
a programmer, and then store the calibration values in the Flash or EEPROM. Then the
value can be read by software and loaded into the OSCCAL Register. When OSCCAL is
zero, the lowest available frequency is chosen. Writing non-zero values to this register
will increase the frequency of the Internal Oscillator. Writing $FF to the register gives the
highest available frequency. The calibrated Oscillator is used to time EEPROM and
Flash access. If EEPROM or Flash is written, do not calibrate to more than 10% above
the nominal frequency. Otherwise, the EEPROM or Flash write may fail. Note that the
Oscillator is intended for calibration to 1.0, 2.0, 4.0, or 8.0 MHz. Tuning to other values is
not guaranteed, as indicated in Table 11.
Table 10. Start-up Times for the Internal Calibrated RC Oscillator Clock Selection
SUT1..0
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(V
CC = 5.0V)
Recommended Usage
00
6 CK
BOD enabled
01
6 CK
4.1 ms
Fast rising power
10(1)
6 CK
65 ms
Slowly rising power
11
Reserved
Bit
7654
321
0
CAL7
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
OSCCAL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
Device Specific Calibration Value
Table 11. Internal RC Oscillator Frequency Range.
OSCCAL Value
Min Frequency in Percentage of
Nominal Frequency (%)
Max Frequency in Percentage of
Nominal Frequency (%)
$00
50
100
$7F
75
150
$FF
100
200


同様の部品番号 - ATMEGA32-16AC

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA32-16AC ATMEL-ATMEGA32-16AC Datasheet
4Mb / 317P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
More results

同様の説明 - ATMEGA32-16AC

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA32 ATMEL-ATMEGA32 Datasheet
4Mb / 317P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P Datasheet
8Mb / 294P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com