データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9983AKSTZ-1401 データシート(PDF) 1 Page - Analog Devices

部品番号 AD9983AKSTZ-1401
部品情報  High Performance 8-Bit Display Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9983AKSTZ-1401 データシート(HTML) 1 Page - Analog Devices

  AD9983AKSTZ-1401 Datasheet HTML 1Page - Analog Devices AD9983AKSTZ-1401 Datasheet HTML 2Page - Analog Devices AD9983AKSTZ-1401 Datasheet HTML 3Page - Analog Devices AD9983AKSTZ-1401 Datasheet HTML 4Page - Analog Devices AD9983AKSTZ-1401 Datasheet HTML 5Page - Analog Devices AD9983AKSTZ-1401 Datasheet HTML 6Page - Analog Devices AD9983AKSTZ-1401 Datasheet HTML 7Page - Analog Devices AD9983AKSTZ-1401 Datasheet HTML 8Page - Analog Devices AD9983AKSTZ-1401 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
High Performance
8-Bit Display Interface
Preliminary Technical Data
AD9983A
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
8-bit analog-to-digital converters
170 MSPS maximum conversion rate
Low PLL clock jitter at 170 MSPS
Automatic gain matching
Automated offset adjustment
2:1 input mux
Power-down via dedicated pin or serial register
4:4:4, 4:2:2, and DDR output format modes
Variable output drive strength
Odd/even field detection
External clock input
Regenerated Hsync output
Programmable output high impedance control
Hsyncs per Vsync counter
Sync-on-green pulse filter
Pb-free package
APPLICATIONS
Advanced TVs
Plasma display panels
LCDTV
HDTV
RGB graphics processing
LCD monitors and projectors
Scan converters
FUNCTIONAL BLOCK DIAGRAM
SYNC
PROCESSING
PLL
POWER
MANAGEMENT
SOGOUT
O/E FIELD
HSOUT
VSOUT/A0
VOLTAGE
REFS
SERIAL REGISTER
SDA
SCL
FILT
CLAMP
EXTCK/COAST
HSYNC0
HSYNC1
AD9983A
Y/GREENOUT
Cb/Cr/REDOUT
REFHI
REFLO
DATACK
2:1
MUX
Pr/REDIN0
Pr/REDIN1
Y/GREENIN0
Y/GREENIN1
VSYNC1
VSYNC0
2:1
MUX
SOGIN0
SOGIN1
2:1
MUX
Cb/BLUEOUT
CLAMP
8
8
AUTO OFFSET
AUTO GAIN
8-BIT
ADC
PGA
Pb/BLUEIN0
Pb/BLUEIN1
2:1
MUX
CLAMP
8
8
AUTO OFFSET
AUTO GAIN
8-BIT
ADC
PGA
2:1
MUX
CLAMP
8
8
AUTO OFFSET
AUTO GAIN
8-BIT
ADC
PGA
2:1
MUX
Figure 1.
GENERAL DESCRIPTION
The AD9983A is a complete 8-bit, 170 MSPS, monolithic
analog interface optimized for capturing YPbPr video and RGB
graphics signals. Its 170 MSPS encode rate capability and full
power analog bandwidth of 300 MHz support all HDTV video
modes up to 1080p as well as graphics resolutions up to UXGA
(1600 x 1200 at 60 Hz).
The AD9983A includes a 170 MHz triple ADC with an internal
reference, a PLL, and programmable gain, offset, and clamp
control. The user provides only a 1.8 V power supply and an
analog input. Three-state CMOS outputs can be powered from
1.8 V to 3.3 V.
The AD9983A on-chip PLL generates a sample clock from the
tri-level sync (for YPbPr video) or the horizontal sync (for RGB
graphics). Sample clock output frequencies range from 10 MHz
to 170 MHz. With internal coast generation, the PLL maintains
its output frequency in the absence of sync input. A 32-step
sampling clock phase adjustment is provided. Output data,
sync, and clock phase relationships are maintained.
The auto-offset feature can be enabled to automatically restore
the signal reference levels and to automatically calibrate out any
offset differences between the three channels. The auto channel-
to-channel gain matching feature can be enabled to minimize
any gain mismatches between the three channels.
The AD9983A also offers full sync processing for composite
sync and sync-on-green applications. A clamp signal is
generated internally or may be provided by the user through the
CLAMP input pin.
Fabricated in an advanced CMOS process, the AD9983A is
provided in a space-saving 80-lead, Pb-free, LQFP surface-
mount plastic package or a 64-lead LFCSP package, and is
specified over the 0°C to 70°C temperature range.


同様の部品番号 - AD9983AKSTZ-1401

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9983A AD-AD9983A Datasheet
916Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9983A AD-AD9983A_15 Datasheet
916Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
More results

同様の説明 - AD9983AKSTZ-1401

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9983A AD-AD9983A_15 Datasheet
916Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9980 AD-AD9980 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9980 AD-AD9980_15 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9984A AD-AD9984A Datasheet
844Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9981 AD-AD9981 Datasheet
972Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9981 AD-AD9981_15 Datasheet
973Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9984A AD-AD9984A_15 Datasheet
845Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44