データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33941 データシート(PDF) 6 Page - Freescale Semiconductor, Inc

部品番号 MC33941
部品情報  Electric Field Imaging Device
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33941 データシート(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC33941 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC33941
Sensors
6
Freescale Semiconductor
PRINCIPLE OF OPERATION
The 33941 generates a low radio frequency sine wave with
nominal 5.0 V peak-to-peak amplitude. The frequency is set
by an external resistor and is optimized for 120 kHz. An
internal multiplexer routes the signal to one of the 7 terminals
under control of the ABC input terminals. A receiver
multiplexer simultaneously connected to the selected
electrode and routes its signal to a detector, which converts
the sine wave to a DC level. The DC level is filtered by an
external capacitor, is multiplied and offset to increase
sensitivity. All electrode outputs are grounded internally by
the device when not selected.
The amplitude and phase of the sinusoidal wave at the
electrode are affected by objects in proximity. A “capacitor” is
formed between the driving electrode and the object, each
forming a “plate” that holds the electric charge. The voltage
measured is an inverse function of the capacitance between
the electrode being measured, the surrounding electrodes,
and other objects in the electric field surrounding the
electrode. Increasing capacitance results in decreasing
voltage. The value of the series resistor (22kohm) was
chosen to provide a near linear relationship at 120 kHz over
a range of 10pF to 70pF.
While exploring applications using the E-Field chip, it is
always useful to approach the problem using the capacitor
model.
Figure 2. Conceptual Block Diagram
CAPACITOR MODEL
The capacitance measured by the E-Field IC is:
Proportional to the area of the electrode
Proportional to the dielectric constant of the material
between the electrodes
Inversely proportional to the distance between the objects
Figure 3. Capacitor Model
Detector
Low Pass Filter
Voltage Level Proportional to 1/C (voltage divider)
Drive level ~ 5 v p-p
Load Resistor
(22 K ohms)
Sine Generator
(120 KHz)
Detected Signal
Level Decreases
with Increasing
Capacitance
Electrodes
Capacitance
increases as
electrodes move
closer together
Capacitor Model
Virtual Ground
Stray Variable
Capacitance
Object
Detector
Low Pass Filter
Voltage Level Proportional to 1/C (voltage divider)
Drive level ~ 5 v p-p
Load Resistor
(22 K ohms)
Sine Generator
(120 KHz)
Detected Signal
Level Decreases
with Increasing
Capacitance
Electrodes
Capacitance
increases as
electrodes move
closer together
Capacitor Model
Virtual Ground
Stray Variable
Capacitance
Object
d
A
k
C
0
ε
=
C
k
d
C=The Capacitance in Farads (F)
A=The area of the plates in square meters (m2)
d=The distance between the plates in meters (m)
k=The dielectric constant of the material separating the plates
0=Is the permittivity of free space (8.85 x 10-12 F/m)
Table 4 Dielectric Constants of Various Materials
Dielectric Material
Thickness (mil)
k
Acrylic
84.5
2.4-4.5
Glass
74.5
7.5
Nylon Plastic
68
3.0-5.0
Polyester Film
10
3.2
Flexible Vinyl Film
9
2.8-4.5
Air
-
1
Water
-
80
Ice
-
3.2
Automotive Oil
-
2.1


同様の部品番号 - MC33941

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC33941 FREESCALE-MC33941 Datasheet
229Kb / 11P
   Electric Field Imaging Device
logo
NXP Semiconductors
MC33941 NXP-MC33941 Datasheet
269Kb / 11P
   Electric Field Imaging Device
Rev. 4
MC33941EG NXP-MC33941EG Datasheet
269Kb / 11P
   Electric Field Imaging Device
Rev. 4
MC33941EGR2 NXP-MC33941EGR2 Datasheet
269Kb / 11P
   Electric Field Imaging Device
Rev. 4
logo
Freescale Semiconductor...
MC33941 FREESCALE-MC33941_08 Datasheet
229Kb / 11P
   Electric Field Imaging Device
More results

同様の説明 - MC33941

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC33794 FREESCALE-MC33794 Datasheet
390Kb / 18P
   Electric Field Imaging Device
logo
Motorola, Inc
MC33794 MOTOROLA-MC33794 Datasheet
491Kb / 20P
   Electric Field Imaging Device
logo
NXP Semiconductors
MC33941 NXP-MC33941 Datasheet
269Kb / 11P
   Electric Field Imaging Device
Rev. 4
MC33794 NXP-MC33794 Datasheet
461Kb / 18P
   Electric Field Imaging Device
Rev 9, 11/2006
logo
Freescale Semiconductor...
MC34940 FREESCALE-MC34940 Datasheet
298Kb / 9P
   Electric Field Imaging Device
MC33941 FREESCALE-MC33941_08 Datasheet
229Kb / 11P
   Electric Field Imaging Device
logo
Vaisala
EFM550 VAISALA-EFM550 Datasheet
1Mb / 2P
   Thunderstorm Electric Field Mill EFM550
logo
DATEL, Inc.
ADCDS-1403EX-C DATEL-ADCDS-1403EX-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201-C883 DATEL-ADS-CCD1201-C883 Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201G883 DATEL-ADS-CCD1201G883 Datasheet
102Kb / 1P
   Electronic Imaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com