データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGW30NC60VD データシート(PDF) 6 Page - STMicroelectronics

部品番号 STGW30NC60VD
部品情報  N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW30NC60VD データシート(HTML) 6 Page - STMicroelectronics

Back Button STGW30NC60VD Datasheet HTML 2Page - STMicroelectronics STGW30NC60VD Datasheet HTML 3Page - STMicroelectronics STGW30NC60VD Datasheet HTML 4Page - STMicroelectronics STGW30NC60VD Datasheet HTML 5Page - STMicroelectronics STGW30NC60VD Datasheet HTML 6Page - STMicroelectronics STGW30NC60VD Datasheet HTML 7Page - STMicroelectronics STGW30NC60VD Datasheet HTML 8Page - STMicroelectronics STGW30NC60VD Datasheet HTML 9Page - STMicroelectronics STGW30NC60VD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STGW30NC60VD
6/13
2.1
Electrical characteristics (curves)
Figure 1.
Output characteristics
Figure 2.
Transfer characteristics
Figure 3.
Transconductance
Figure 4.
Collector-emitter on voltage vs
temperature
Figure 5.
Collector-emitter on voltage vs
collector current
Figure 6.
Normalized gate threshold vs
temperature


同様の部品番号 - STGW30NC60VD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGW30NC60KD STMICROELECTRONICS-STGW30NC60KD Datasheet
349Kb / 14P
   30 A - 600 V - short circuit rugged IGBT
STGW30NC60W STMICROELECTRONICS-STGW30NC60W Datasheet
98Kb / 9P
   N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH IGBT
STGW30NC60W STMICROELECTRONICS-STGW30NC60W Datasheet
306Kb / 14P
   N-channel 30A - 600V - TO-247 - TO-220 Ultra fast switching PowerMESH TM IGBT
STGW30NC60W STMICROELECTRONICS-STGW30NC60W Datasheet
461Kb / 16P
   30 A - 600 V - ultra fast IGBT
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD Datasheet
280Kb / 14P
   N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH??IGBT
More results

同様の説明 - STGW30NC60VD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_06 Datasheet
285Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_07 Datasheet
323Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH??IGBT
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD Datasheet
283Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD Datasheet
340Kb / 10P
   N-CHANNEL 40A - 600V - TO-247 Very Fast PowerMESH??IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V_04 Datasheet
279Kb / 10P
   N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
STGW20NC60VD STMICROELECTRONICS-STGW20NC60VD Datasheet
303Kb / 11P
   N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD Datasheet
109Kb / 9P
   N-CHANNEL 30A - 1200V - TO-247 VERY FAST PowerMESH-TM IGBT
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD_07 Datasheet
295Kb / 13P
   N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
STGP30NC60W STMICROELECTRONICS-STGP30NC60W Datasheet
306Kb / 14P
   N-channel 30A - 600V - TO-247 - TO-220 Ultra fast switching PowerMESH TM IGBT
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
276Kb / 14P
   N-channel 600V - 9A - TO-220FP Very fast PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com