データシートサーチシステム |
|
SN54LV138A データシート(PDF) 4 Page - Texas Instruments |
|
SN54LV138A データシート(HTML) 4 Page - Texas Instruments |
4 / 18 page www.ti.com Absolute Maximum Ratings (1) SN54LV138A, SN74LV138A 3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS SCLS395L – APRIL 1998 – REVISED AUGUST 2005 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 7 V VI Input voltage range(2) –0.5 7 V VO Voltage range applied to any output in the high-impedance or power-off state(2) –0.5 7 V VO Output voltage range(2)(3) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –20 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current VO = 0 to VCC ±25 mA Continuous current through VCC or GND ±50 mA D package(4) 73 DB package(4) 82 DGV package(4) 120 θ JA Package thermal impedance °C/W NS package(4) 64 PW package(4) 108 RGY package(5) 39 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed. (3) This value is limited to 5.5 V maximum. (4) The package thermal impedance is calculated in accordance with JESD 51-7 (5) The package thermal impedance is calculated in accordance with JESD 51-5. 4 |
同様の部品番号 - SN54LV138A_07 |
|
同様の説明 - SN54LV138A_07 |