データシートサーチシステム |
|
SN54LV138A データシート(PDF) 6 Page - Texas Instruments |
|
SN54LV138A データシート(HTML) 6 Page - Texas Instruments |
6 / 18 page www.ti.com Switching Characteristics Switching Characteristics Switching Characteristics Operating Characteristics SN54LV138A, SN74LV138A 3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS SCLS395L – APRIL 1998 – REVISED AUGUST 2005 over recommended operating free-air temperature range, V CC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1) TA = 25°C SN54LV138A(1) SN74LV138A FROM TO LOAD PARAMETER UNIT (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX MIN MAX A, B, or C 11.7(2) 17.6(2) 1(2) 21(2) 1 21 tpd G1 Y CL = 15 pF 12.3(2) 19.2(2) 1(2) 22(2) 1 22 ns G2A or G2B 11.4(2) 18.2(2) 1(2) 21(2) 1 21 A, B, or C 14.9 21.4 1 25 1 25 tpd G1 Y CL = 50 pF 15.7 22.6 1 26 1 26 ns G2A or G2B 14.8 22 1 25 1 25 (1) Product Preview (2) On products compliant to MIL-PRF-38535, this parameter is not production tested. over recommended operating free-air temperature range, V CC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) TA = 25°C SN54LV138A(1) SN74LV138A FROM TO LOAD PARAMETER UNIT (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX MIN MAX A, B, or C 8.1(2) 11.4(2) 1(2) 13.5(2) 1 13.5 tpd G1 Y CL = 15 pF 8.4(2) 12.8(2) 1(2) 15(2) 1 15 ns G2A or G2B 7.8(2) 11.4(2) 1(2) 13.5(2) 1 13.5 A, B, or C 10.3 15.8 1 18 1 18 tpd G1 Y CL = 50 pF 10.6 16.3 1 18.5 1 18.5 ns G2A or G2B 10 14.9 1 17 1 17 (1) Product Preview (2) On products compliant to MIL-PRF-38535, this parameter is not production tested. over recommended operating free-air temperature range, V CC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) TA = 25°C SN54LV138A(1) SN74LV138A FROM TO LOAD PARAMETER UNIT (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX MIN MAX A, B, or C 5.6(2) 8.1(2) 1(2) 9.5(2) 1 9.5 tpd G1 Y CL = 15 pF 5.7(2) 8.1(2) 1(2) 9.5(2) 1 9.5 ns G2A or G2B 5.4(2) 8.1(2) 1(2) 9.5(2) 1 9.5 A, B, or C 7 10.1 1 11.5 1 11.5 tpd G1 Y CL = 50 pF 7.1 10.1 1 11.5 1 11.5 ns G2A or G2B 6.8 10.1 1 11.5 1 11.5 (1) Product Preview (2) On products compliant to MIL-PRF-38535, this parameter is not production tested. T A = 25°C PARAMETER TEST CONDITIONS VCC TYP UNIT 3.3 V 16.8 Cpd Power dissipation capacitance CL = 50 pF, f = 10 MHz pF 5 V 19.1 6 |
同様の部品番号 - SN54LV138A_07 |
|
同様の説明 - SN54LV138A_07 |