データシートサーチシステム |
|
SN74LV4053ANE4 データシート(PDF) 6 Page - Texas Instruments |
|
SN74LV4053ANE4 データシート(HTML) 6 Page - Texas Instruments |
6 / 22 page SN54LV4053A, SN74LV4053A TRIPLE 2CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS SCLS430K − MAY 1999 − REVISED APRIL 2005 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 analog switch characteristics PARAMETER FROM TO TEST CONDITIONS VCC TA = 25°C UNIT PARAMETER FROM (INPUT) TO (OUTPUT) TEST CONDITIONS VCC TYP UNIT Frequency response CL = 50 pF, R = 600 , 2.3 V 30 Frequency response (switch on) COM or Yn Yn or COM CL = 50 pF, RL = 600 Ω, fin = 1 MHz (sine wave) 3 V 35 MHz (switch on) COM or Yn Yn or COM fin = 1 MHz (sine wave) (see Note 6 and Figure 6) 4.5 V 50 MHz Crosstalk CL = 50 pF, R = 600 , 2.3 V −45 Crosstalk (between any switches) COM or Yn Yn or COM CL = 50 pF, RL = 600 Ω, fin = 1 MHz (sine wave) 3 V −45 dB (between any switches) COM or Yn Yn or COM fin = 1 MHz (sine wave) (see Note 7 and Figure 7) 4.5 V −45 dB Crosstalk CL = 50 pF, R = 600 , 2.3 V 20 Crosstalk (control input to signal output) INH COM or Yn CL = 50 pF, RL = 600 Ω, fin = 1 MHz (square wave) 3 V 35 mV (control input to signal output) INH COM or Yn fin = 1 MHz (square wave) (see Figure 8) 4.5 V 65 mV Feedthrough attenuation CL = 50 pF, R = 600 , 2.3 V −45 Feedthrough attenuation (switch off) COM or Yn Yn or COM CL = 50 pF, RL = 600 Ω, fin = 1 MHz 3 V −45 dB (switch off) COM or Yn Yn or COM fin = 1 MHz (see Note 7 and Figure 9) 4.5 V −45 dB CL = 50 pF, RL = 10 kΩ, VI = 2 Vp-p 2.3 V 0.1 Sine-wave distortion COM or Yn Yn or COM RL = 10 kΩ, fin = 1 kHz (sine wave) VI = 2.5 Vp-p 3 V 0.1 % in (sine wave) (see Figure 10) VI = 4 Vp-p 4.5 V 0.1 NOTES: 6. Adjust fin voltage to obtain 0-dBm output. Increase fin frequency until dB meter reads −3 dB. 7. Adjust fin voltage to obtain 0-dBm input. operating characteristics, VCC = 3.3 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance CL = 50 pF, f = 10 MHz 5.3 pF PARAMETER MEASUREMENT INFORMATION VCC VI = VCC or GND VINH = VIL 2 mA VO ron + V I –VO 2 10–3 W VI − VO VCC GND (ON) V Figure 1. On-State Resistance Test Circuit |
同様の部品番号 - SN74LV4053ANE4 |
|
同様の説明 - SN74LV4053ANE4 |