データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M27C64A-20K1 データシート(PDF) 9 Page - STMicroelectronics

部品番号 M27C64A-20K1
部品情報  64 Kbit (8Kb x8) UV EPROM and OTP EPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C64A-20K1 データシート(HTML) 9 Page - STMicroelectronics

Back Button M27C64A-20K1 Datasheet HTML 5Page - STMicroelectronics M27C64A-20K1 Datasheet HTML 6Page - STMicroelectronics M27C64A-20K1 Datasheet HTML 7Page - STMicroelectronics M27C64A-20K1 Datasheet HTML 8Page - STMicroelectronics M27C64A-20K1 Datasheet HTML 9Page - STMicroelectronics M27C64A-20K1 Datasheet HTML 10Page - STMicroelectronics M27C64A-20K1 Datasheet HTML 11Page - STMicroelectronics M27C64A-20K1 Datasheet HTML 12Page - STMicroelectronics M27C64A-20K1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
M27C64A
Device operation
9/22
be a high frequency capacitor of low inherent inductance and should be placed as close to
the device as possible. In addition, a 4.7µF bulk electrolytic capacitor should be used
between VCC and VSS for every eight devices. The bulk capacitor should be located near the
power supply connection point. The purpose of the bulk capacitor is to overcome the voltage
drop caused by the inductive effects of PCB traces.
2.5
Programming
When delivered (and after each erasure for UV EPROM), all bits of the M27C64A are in the
"1" state. Data is introduced by selectively programming "0"s into the desired bit locations.
Although only "0"s will be programmed, both "1"s and "0"s can be present in the data word.
The only way to change a "0" to a "1" is by die exposition to ultraviolet light (UV EPROM).
The M27C64A is in the programming mode when VPP input is at 12.5V, E is at VIL and P is
pulsed to VIL. The data to be programmed is applied to 8 bits in parallel to the data output
pins. The levels required for the address and data inputs are TTL. VCC is specified to be 6V
± 0.25V.
2.6
High-speed programming
The high speed programming algorithm, described in Figure 4, rapidly programs the
M27C64A using an efficient and reliable method, particularly suited to the production
programming environment. An individual device will take around 1 minute to program.
Figure 4.
Programming Flowchart
AI01167
n = 1
Last
Addr
VERIFY
P = 1ms Pulse
++n
> 25
++ Addr
VCC = 6V, VPP = 12.5V
FAIL
CHECK ALL BYTES
1st: VCC = 6V
2nd: VCC = 4.2V
YES
NO
YES
NO
YES
NO
P = 3ms Pulse by n


同様の部品番号 - M27C64A-20K1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M27C64A-20C1TR STMICROELECTRONICS-M27C64A-20C1TR Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C64A-20C1TR STMICROELECTRONICS-M27C64A-20C1TR Datasheet
99Kb / 11P
   64K (8K x 8) UV EPROM and OTP ROM
M27C64A-20C1X STMICROELECTRONICS-M27C64A-20C1X Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C64A-20C1X STMICROELECTRONICS-M27C64A-20C1X Datasheet
99Kb / 11P
   64K (8K x 8) UV EPROM and OTP ROM
M27C64A-20C6TR STMICROELECTRONICS-M27C64A-20C6TR Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
More results

同様の説明 - M27C64A-20K1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22