データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP120NF04 データシート(PDF) 9 Page - STMicroelectronics

部品番号 STP120NF04
部品情報  N-channel 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP120NF04 データシート(HTML) 9 Page - STMicroelectronics

Back Button STP120NF04_06 Datasheet HTML 5Page - STMicroelectronics STP120NF04_06 Datasheet HTML 6Page - STMicroelectronics STP120NF04_06 Datasheet HTML 7Page - STMicroelectronics STP120NF04_06 Datasheet HTML 8Page - STMicroelectronics STP120NF04_06 Datasheet HTML 9Page - STMicroelectronics STP120NF04_06 Datasheet HTML 10Page - STMicroelectronics STP120NF04_06 Datasheet HTML 11Page - STMicroelectronics STP120NF04_06 Datasheet HTML 12Page - STMicroelectronics STP120NF04_06 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STP120NF04
Electrical characteristics
9/14
The previous curve gives the safe operating area for unclamped inductive loads, single
pulse or repetitive, under the following conditions:
PD(AVE) =0.5*(1.3*BVDSS *IAV )
EAS(AR) =PD(AVE) *tAV
Where:
IAV is the allowable current in avalanche
PD(AVE) is the average power dissipation in avalanche (single pulse)
tAV is the time in avalanche
To derate above 25 °C, at fixed IAV, the following equation must be applied:
IAV = 2 * (Tjmax - TCASE) / (1.3 * BVDSS * Zth)
Where:
Zth = K * Rth is the value coming from Normalized Thermal Response at fixed pulse width
equal to TAV.
Figure 17. Allowable Iav vs time in avalanche


同様の部品番号 - STP120NF04_06

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STP120NF04 STMICROELECTRONICS-STP120NF04 Datasheet
296Kb / 11P
   N-CHANNEL 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
More results

同様の説明 - STP120NF04_06

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STP120NF04 STMICROELECTRONICS-STP120NF04 Datasheet
296Kb / 11P
   N-CHANNEL 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
   N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
   N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STB190NF04 STMICROELECTRONICS-STB190NF04 Datasheet
173Kb / 9P
   N-CHANNEL 40V - 3.9 mW - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
February 2004
STP200N4F3 STMICROELECTRONICS-STP200N4F3 Datasheet
319Kb / 14P
   N-channel 40V - 0.0035廓 - 120A - D2PAK - TO-220 planar STripFET??Power MOSFET
STB120NF10 STMICROELECTRONICS-STB120NF10 Datasheet
393Kb / 10P
   N-CHANNEL 100V - 0.009 W - 120A D2PAK/TO-220 STripFET II POWER MOSFET
STB190NF04 STMICROELECTRONICS-STB190NF04_06 Datasheet
510Kb / 16P
   N-channel 40V - 0.0039ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
STP100NF04L STMICROELECTRONICS-STP100NF04L Datasheet
268Kb / 8P
   N-CHANNEL 40V - 0.0036 ohm - 100A TO-220 STripFET??II POWER MOSFET
STP200NF03 STMICROELECTRONICS-STP200NF03 Datasheet
557Kb / 14P
   N-CHANNEL 30V - 0.0032 ohm - 120A D짼PAK/I짼PAK/TO-220 STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com