データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3100D2PHPRG4 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3100D2PHPRG4
部品情報  20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3100D2PHPRG4 データシート(HTML) 1 Page - Texas Instruments

  TPA3100D2PHPRG4 Datasheet HTML 1Page - Texas Instruments TPA3100D2PHPRG4 Datasheet HTML 2Page - Texas Instruments TPA3100D2PHPRG4 Datasheet HTML 3Page - Texas Instruments TPA3100D2PHPRG4 Datasheet HTML 4Page - Texas Instruments TPA3100D2PHPRG4 Datasheet HTML 5Page - Texas Instruments TPA3100D2PHPRG4 Datasheet HTML 6Page - Texas Instruments TPA3100D2PHPRG4 Datasheet HTML 7Page - Texas Instruments TPA3100D2PHPRG4 Datasheet HTML 8Page - Texas Instruments TPA3100D2PHPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
QFN
HTQFP
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
Simplified Application Circuit
TV Audio
Processor
RINP
BSRN
BSRP
VCLAMPR
VCLAMPL
PGNDR
PGNDL
VREG
VBYP
ROSC
BSLN
ROUTN
LOUTN
LOUTP
BSLP
ROUTP
TPA3100D2
LINN
RINN
LINP
MUTE
GAIN0
GAIN1
SYNC
FAULT
PVCCR
PVCCL
AVCC
AGND
MSTR/SLV
SHUTDOWN
Shutdown
Control
Mute Control
Sync Control
Fault Flag
10 V to 26 V
Gain Select
1 F
m
1 F
m
1 F
m
1 F
m
10 nF
100 kW
0.22 F
m
0.22 F
m
0.22 F
m
0.22 F
m
1 F
m
1 F
m
1 F
m
TPA3100D2
SLOS469D – OCTOBER 2005 – REVISED FEBRUARY 2006
20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Televisions
20-W/ch into an 8-
Ω Load From a 18-V Supply
10-W/ch into an 8-
Ω Load From a 12-V Supply
15-W/ch into an 4-
Ω Load From a 12-V Supply
The TPA3100D2 is a 20-W (per channel) efficient,
Operates from 10 V to 26 V
Class-D audio power amplifier for driving bridged-tied
92% Efficient Class-D Operation Eliminates
stereo speakers. The TPA3100D2 can drive stereo
Need for Heat Sinks
speakers as low as 4
Ω. The high efficiency of the
Four Selectable, Fixed Gain Settings
TPA3100D2,
92%,
eliminates
the
need
for
an
external heat sink when playing music.
Differential Inputs
The gain of the amplifier is controlled by two gain
Thermal and Short-Circuit Protection With
select pins. The gain selections are 20, 26, 32,
Auto Recovery Feature
36 dB.
Clock Output for Synchronization With
The outputs are fully protected against shorts to
Multiple Class-D Devices
GND, VCC, and output-to-output shorts with an auto
Surface Mount 7 mm
× 7 mm, 48-pin QFN
recovery feature and monitor output.
Package
Surface Mount 9 mm
× 9 mm, 48-pin HTQFP
Package
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TPA3100D2PHPRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3100D2PHPRG4 TI1-TPA3100D2PHPRG4 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3100D2PHPRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2100 EUTECH-EUA2100 Datasheet
172Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2 TI-TPA3100D2 Datasheet
2Mb / 31P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com