データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA4411RTJRG4 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA4411RTJRG4
部品情報  80-mW DIRECTPATH STEREO HEADPHONE DRIVER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA4411RTJRG4 データシート(HTML) 5 Page - Texas Instruments

  TPA4411RTJRG4 Datasheet HTML 1Page - Texas Instruments TPA4411RTJRG4 Datasheet HTML 2Page - Texas Instruments TPA4411RTJRG4 Datasheet HTML 3Page - Texas Instruments TPA4411RTJRG4 Datasheet HTML 4Page - Texas Instruments TPA4411RTJRG4 Datasheet HTML 5Page - Texas Instruments TPA4411RTJRG4 Datasheet HTML 6Page - Texas Instruments TPA4411RTJRG4 Datasheet HTML 7Page - Texas Instruments TPA4411RTJRG4 Datasheet HTML 8Page - Texas Instruments TPA4411RTJRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
www.ti.com
OPERATING CHARACTERISTICS
TPA4411
TPA4411M
SLOS430C – AUGUST 2004 – REVISED DECEMBER 2006
V
DD = 3 V , TA = 25°C, RL = 16 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 1%, VDD = 3 V, f = 1 kHz
50
THD = 1%, VDD = 4.5 V, f = 1 kHz
80
PO
Output power (Outputs In Phase)
mW
THD = 1%, VDD = 3 V, f = 1 kHz, RL = 32
40
PO = 25 mW, f = 1 kHz
0.054%
THD+N
Total harmonic distortion plus noise
PO = 25 mW, f = 20 kHz
0.010%
Crosstallk
PO = 20 mW, f = 1 kHz
–83
dB
200-mVpp ripple, f = 217 Hz
–82.5
kSVR
Supply ripple rejection ratio
200-mVpp ripple, f = 1 kHz
–70.4
dB
200-mVpp ripple, f = 20 kHz
–45.1
Av
Closed-loop voltage gain
-1.45
–1.5
–1.55
V/V
∆A
v
Gain matching
1%
Slew rate
2.2
V/µs
Maximum capacitive load
400
pF
Vn
Noise output voltage
10
µVRMS
Electrostatic discharge, IEC
OUTR, OUTL
±8
kV
fosc
Charge pump switching frequency
280
320
420
kHz
Start-up time from shutdown
450
µs
Input impedance
12
15
18
k
SNR
Signal-to-noise ratio
Po = 40 mW (THD+N = 0.1%)
98
dB
Threshold
150
170
°C
Thermal shutdown
Hysteresis
15
°C
5


同様の部品番号 - TPA4411RTJRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA4411RTJ TI-TPA4411RTJ Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
More results

同様の説明 - TPA4411RTJRG4

メーカー部品番号データシート部品情報
logo
TEXAS ADVANCED OPTOELEC...
TPA4411 TAOS-TPA4411 Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA4411 TI-TPA4411 Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com