データシートサーチシステム |
|
SN74LV573ADWE4 データシート(PDF) 6 Page - Texas Instruments |
|
SN74LV573ADWE4 データシート(HTML) 6 Page - Texas Instruments |
6 / 21 page SN54LV573A, SN74LV573A OCTAL TRANSPARENT DTYPE LATCHES WITH 3STATE OUTPUTS SCLS411I − APRIL 1998 − REVISED APRIL 2005 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54LV573A SN74LV573A UNIT PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tpd D Q 6.2* 11* 1* 13* 1 13 tpd LE Q CL = 15 pF 6.8* 11.9* 1* 14* 1 14 ns ten OE Q CL = 15 pF 6.6* 11.5* 1* 13.5* 1 13.5 ns tdis OE Q 4.9* 11* 1* 13* 1 13 tpd D Q 7.7 14.5 1 16.5 1 16.5 tpd LE Q 8.2 15.4 1 17.5 1 17.5 ten OE Q CL = 50 pF 8 15 1 17 1 17 ns tdis OE Q CL = 50 pF 6.2 14.5 1 16.5 1 16.5 ns tsk(o) 1.5 1.5 * On products compliant to MIL-PRF-38535, this parameter is not production tested. switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54LV573A SN74LV573A UNIT PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tpd D Q 4.3* 6.8* 1* 8* 1 8 tpd LE Q CL = 15 pF 4.7* 7.7* 1* 9* 1 9 ns ten OE Q CL = 15 pF 4.7* 7.7* 1* 9* 1 9 ns tdis OE Q 3.5* 7.7* 1* 9* 1 9 tpd D Q 5.3 8.8 1 10 1 10 tpd LE Q 5.7 9.7 1 11 1 11 ten OE Q CL = 50 pF 5.7 9.7 1 11 1 11 ns tdis OE Q CL = 50 pF 4.2 9.7 1 11 1 11 ns tsk(o) 1 1 * On products compliant to MIL-PRF-38535, this parameter is not production tested. noise characteristics, VCC = 3.3 V, CL = 50 pF, TA = 25°C (see Note 6) PARAMETER SN74LV573A UNIT PARAMETER MIN TYP MAX UNIT VOL(P) Quiet output, maximum dynamic VOL 0.6 0.8 V VOL(V) Quiet output, minimum dynamic VOL −0.5 −0.8 V VOH(V) Quiet output, minimum dynamic VOH 2.9 V VIH(D) High-level dynamic input voltage 2.31 V VIL(D) Low-level dynamic input voltage 0.99 V NOTE 6: Characteristics are for surface-mount packages only. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
同様の部品番号 - SN74LV573ADWE4 |
|
同様の説明 - SN74LV573ADWE4 |