データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5201-1GSTR3 データシート(PDF) 7 Page - ON Semiconductor

部品番号 CS5201-1GSTR3
部品情報  1.0 A Adjustable Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5201-1GSTR3 データシート(HTML) 7 Page - ON Semiconductor

  CS5201-1GSTR3 Datasheet HTML 1Page - ON Semiconductor CS5201-1GSTR3 Datasheet HTML 2Page - ON Semiconductor CS5201-1GSTR3 Datasheet HTML 3Page - ON Semiconductor CS5201-1GSTR3 Datasheet HTML 4Page - ON Semiconductor CS5201-1GSTR3 Datasheet HTML 5Page - ON Semiconductor CS5201-1GSTR3 Datasheet HTML 6Page - ON Semiconductor CS5201-1GSTR3 Datasheet HTML 7Page - ON Semiconductor CS5201-1GSTR3 Datasheet HTML 8Page - ON Semiconductor CS5201-1GSTR3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CS5201−1
http://onsemi.com
7
The value for RqJA is calculated using Equation (3) and
the result can be substituted in Equation (1).
The value for RqJC is 3.5°C/W for a given package type
based on an average die size. For a high current regulator
such as the CS5201−1 the majority of the heat is generated
in the power transistor section. The value for RqSA depends
on the Heatsink type, while RqCS depends on factors such as
package type, Heatsink interface (is an insulator and thermal
grease used?), and the contact area between the Heatsink and
the package. Once these calculations are complete, the
maximum permissible value of RqJA can be calculated and
the proper Heatsink selected. For further discussion on
Heatsink selection, see application note “Thermal
Management,” document number AND8036/D, available
through the Literature Distribution Center or via our website
at http://onsemi.com.
ORDERING INFORMATION
Device
Type*
Package
Shipping
CS5201−1GT3
1.0 A, Adj. Output
TO−220−3, STRAIGHT
50 Units / Rail
CS5201−1GDP3
1.0 A, Adj. Output
D2PAK−3
50 Units / Rail
CS5201−1GDPR3
1.0 A, Adj. Output
D2PAK−3
750 / Tape & Reel
CS5201−1GST3
1.0 A, Adj. Output
SOT−223
80 Units / Rail
CS5201−1GSTR3
1.0 A, Adj. Output
SOT−223
2500 / Tape & Reel
CS5201−1GSTR3G
1.0 A, Adj. Output
SOT−223
(Pb−Free)
2500 / Tape & Reel
*Consult your local sales representative for fixed output voltage versions.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MARKING DIAGRAMS
5201−1
AWLYWW
1
ALYW
201−1
1
5201−1
AWLYWW
1
D2PAK−3
DP SUFFIX
CASE 418AB
SOT−223
ST SUFFIX
CASE 318E
TO−220−3
T SUFFIX
CASE 221A
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
CS
CS
PACKAGE THERMAL DATA
Parameter
TO−220−3
D2PAK−3
SOT−223
Unit
RqJC
Typical
3.5
3.5
15
°C/W
RqJA
Typical
50
10−50*
156
°C/W
* Depending on thermal properties of substrate. RqJA = RqJC + RqCA


同様の部品番号 - CS5201-1GSTR3

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS5201-1GSTR3 CHERRY-CS5201-1GSTR3 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
More results

同様の説明 - CS5201-1GSTR3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
   5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
   3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5207-1 ONSEMI-CS5207-1 Datasheet
203Kb / 7P
   7.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5201-3 ONSEMI-CS5201-3 Datasheet
191Kb / 8P
   1.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
CS5203-1 CHERRY-CS5203-1 Datasheet
165Kb / 8P
   3A Adjustable Linear Regulator
logo
Solid States Devices, I...
SVR003 SSDI-SVR003_15 Datasheet
103Kb / 3P
   ADJUSTABLE LINEAR VOLTAGE REGULATOR
logo
Cherry Semiconductor Co...
CS52015-1 CHERRY-CS52015-1 Datasheet
173Kb / 7P
   1.5A Adjustable Linear Regulator
CS5207-1 CHERRY-CS5207-1 Datasheet
135Kb / 6P
   7A Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com