データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS8190 データシート(PDF) 4 Page - ON Semiconductor

部品番号 CS8190
部品情報  Precision Air?묬ore Tach/Speedo Driver with Return to Zero
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8190 データシート(HTML) 4 Page - ON Semiconductor

  CS8190_06 Datasheet HTML 1Page - ON Semiconductor CS8190_06 Datasheet HTML 2Page - ON Semiconductor CS8190_06 Datasheet HTML 3Page - ON Semiconductor CS8190_06 Datasheet HTML 4Page - ON Semiconductor CS8190_06 Datasheet HTML 5Page - ON Semiconductor CS8190_06 Datasheet HTML 6Page - ON Semiconductor CS8190_06 Datasheet HTML 7Page - ON Semiconductor CS8190_06 Datasheet HTML 8Page - ON Semiconductor CS8190_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CS8190
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (−40
°C ≤ TA ≤ 85°C, 8.5 V ≤ VCC ≤ 15 V, unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
FUNCTION GENERATOR SECTION: −40
5C 3 TA 3 855C, VCC = 13.1 V unless otherwise noted (continued)
Function Generator Error (Note 5)
Reference Figures 2, 3, 4, 5
VCC = 13.1 V
q = 0° to 305°
−2.0
0
+2.0
deg
Function Generator Error
13.1 V
≤ VCC ≤ 16 V
−2.5
0
+2.5
deg
Function Generator Error
13.1 V
≤ VCC ≤ 11 V
−1.0
0
+1.0
deg
Function Generator Error
13.1 V
≤ VCC ≤ 9.0 V
−3.0
0
+3.0
deg
Function Generator Error
25
°C ≤ TA ≤ 80°C
−3.0
0
+3.0
deg
Function Generator Error
25
°C ≤ TA ≤ 105°C
−5.5
0
+5.5
deg
Function Generator Error
−40
°C ≤ TA ≤ 25°C
−3.0
0
+3.0
deg
Function Generator Gain
TA = 25°C, q vs F/VOUT
60
77
95
°/V
5. Deviation from nominal per Table 1 after calibration at 0
° and 270°.
PIN FUNCTION DESCRIPTION
PACKAGE PIN #
PIN SYMBOL
FUNCTION
PDIP−16
SO−20W
1
1
CP+
Positive input to charge pump.
2
2
SQOUT
Buffered square wave output signal.
3
3
FREQIN
Speed or RPM input signal.
4, 5, 12, 13
4−7, 14−17
GND
Ground Connections.
6
8
COS+
Positive cosine output signal.
7
9
COS−
Negative cosine output signal.
8
10
VCC
Ignition or battery supply voltage.
9
11
BIAS
Test point or zero adjustment.
10
12
SIN−
Negative sine output signal.
11
13
SIN+
Positive sine output signal.
14
18
VREG
Voltage regulator output.
15
19
F/VOUT
Output voltage proportional to input signal frequency.
16
20
CP−
Negative input to charge pump.


同様の部品番号 - CS8190_06

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS8190EDWF20 CHERRY-CS8190EDWF20 Datasheet
187Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
ON Semiconductor
CS8190EDWF20 ONSEMI-CS8190EDWF20 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190EDWF20 ONSEMI-CS8190EDWF20 Datasheet
165Kb / 11P
   Precision Air-Core Tach/Speedo Driver
January, 2012 ??Rev. 7
CS8190EDWF20G ONSEMI-CS8190EDWF20G Datasheet
165Kb / 11P
   Precision Air-Core Tach/Speedo Driver
January, 2012 ??Rev. 7
CS8190EDWF20G ONSEMI-CS8190EDWF20G Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
More results

同様の説明 - CS8190_06

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS8190 CHERRY-CS8190 Datasheet
187Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
IK Semicon Co., Ltd
IL8190N IKSEMICON-IL8190N Datasheet
445Kb / 11P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
ON Semiconductor
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
   Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
CS8190 ONSEMI-CS8190_12 Datasheet
165Kb / 11P
   Precision Air-Core Tach/Speedo Driver
January, 2012 ??Rev. 7
CS4121EDWFR20G ONSEMI-CS4121EDWFR20G Datasheet
94Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS4121 ONSEMI-CS4121 Datasheet
99Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
logo
Cherry Semiconductor Co...
CS8191 CHERRY-CS8191 Datasheet
186Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com