データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS8126-1YDPS7 データシート(PDF) 11 Page - ON Semiconductor

部品番号 CS8126-1YDPS7
部品情報  5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8126-1YDPS7 データシート(HTML) 11 Page - ON Semiconductor

Back Button CS8126-1YDPS7 Datasheet HTML 4Page - ON Semiconductor CS8126-1YDPS7 Datasheet HTML 5Page - ON Semiconductor CS8126-1YDPS7 Datasheet HTML 6Page - ON Semiconductor CS8126-1YDPS7 Datasheet HTML 7Page - ON Semiconductor CS8126-1YDPS7 Datasheet HTML 8Page - ON Semiconductor CS8126-1YDPS7 Datasheet HTML 9Page - ON Semiconductor CS8126-1YDPS7 Datasheet HTML 10Page - ON Semiconductor CS8126-1YDPS7 Datasheet HTML 11Page - ON Semiconductor CS8126-1YDPS7 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CS8126
http://onsemi.com
11
PACKAGE DIMENSIONS
TO−220−5
THA SUFFIX
CASE 314A−03
ISSUE E
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE
INTERCONNECT BAR (DAMBAR) PROTRUSION.
DIMENSION D INCLUDING PROTRUSION SHALL
NOT EXCEED 0.043 (1.092) MAXIMUM.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.572
0.613 14.529 15.570
INCHES
B
0.390
0.415
9.906 10.541
C
0.170
0.180
4.318
4.572
D
0.025
0.038
0.635
0.965
E
0.048
0.055
1.219
1.397
F
0.570
0.585 14.478 14.859
G
0.067 BSC
1.702 BSC
J
0.015
0.025
0.381
0.635
K
0.730
0.745 18.542 18.923
L
0.320
0.365
8.128
9.271
Q
0.140
0.153
3.556
3.886
S
0.210
0.260
5.334
6.604
U
0.468
0.505 11.888 12.827
−T− SEATING
PLANE
L
S
E
C
F
K
J
OPTIONAL
CHAMFER
5X
D
5X
M
P
M
0.014 (0.356)
T
G
A
U
B
Q
−P−
TO−220−5
THE SUFFIX
CASE 314J−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE
INTERCONNECT BAR (DAMBAR) PROTRUSION.
DIMENSION D INCLUDING PROTRUSION SHALL
NOT EXCEED 10.92 (0.043) MAXIMUM.
4. DIMENSIONS EXCLUSIVE OF MOLD FLASH
AND METAL BURRS.
5. FOOTPAD LENGTH MEASURED FROM LEAD
TIP WITH REFERENCE TO DATUM −M−.
6. COPLANARITY 0.004" MAX. REFERENCE TO
DATUM −N− STANDOFF HEIGHT 0.00 − 0.010".
A
U
D
G
B
T
M
0.356 (0.014)
M
Q
5 PL
−Q−
K
F
J
C
E
−T−
L
12
345
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.568
0.583
14.43
14.81
B
0.395
0.405
10.03
10.29
C
0.170
0.180
4.32
4.57
D
0.028
0.036
0.71
0.91
E
0.045
0.055
1.14
1.40
F
0.543
0.558
13.79
14.17
G
0.067 BSC
1.70 BSC
J
0.014
0.022
0.36
0.56
K
0.073
0.088
1.85
2.24
L
0.324
0.339
8.23
8.61
Q
0.146
0.156
3.71
3.96
S
0.000
0.010
0.00
0.25
U
0.460
0.475
11.68
12.07
SEATING
PLANE
W
−M−
0.102 (0.004)
−N−
S
W
5 °
5 °


同様の部品番号 - CS8126-1YDPS7

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS8126-1YT5 CHERRY-CS8126-1YT5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTHA5 CHERRY-CS8126-1YTHA5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTHE5 CHERRY-CS8126-1YTHE5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTHER5 CHERRY-CS8126-1YTHER5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTVA5 CHERRY-CS8126-1YTVA5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
More results

同様の説明 - CS8126-1YDPS7

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
CS8122 ONSEMI-CS8122 Datasheet
100Kb / 10P
   2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
   Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
   Low Dropout Regulator with Delayed Reset
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com