データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC307BRL1G データシート(PDF) 1 Page - ON Semiconductor

部品番号 BC307BRL1G
部品情報  Amplifier Transistors PNP Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC307BRL1G データシート(HTML) 1 Page - ON Semiconductor

  BC307BRL1G Datasheet HTML 1Page - ON Semiconductor BC307BRL1G Datasheet HTML 2Page - ON Semiconductor BC307BRL1G Datasheet HTML 3Page - ON Semiconductor BC307BRL1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 4
1
Publication Order Number:
BC307/D
BC307B
Amplifier Transistors
PNP Silicon
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
VCEO
−45
Vdc
Collector − Base Voltage
VCBO
−50
Vdc
Emitter − Base Voltage
VEBO
−5.0
Vdc
Collector Current − Continuous
IC
−100
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.0
8.0
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
357
°C/W
Thermal Resistance, Junction−to−Case
RqJC
125
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
COLLECTOR
1
2
BASE
3
EMITTER
http://onsemi.com
BC307BRL1G
TO−92
(Pb−Free)
2000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
3
TO−92
CASE 29
STYLE 17
MARKING DIAGRAM
BC30
7BRL1
AYWW
G
G
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


同様の部品番号 - BC307BRL1G

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BC307B MOTOROLA-BC307B Datasheet
110Kb / 4P
   Amplifier Transistors(PNP)
logo
ON Semiconductor
BC307B ONSEMI-BC307B Datasheet
84Kb / 4P
   Amplifier Transistors(PNP Silicon)
1997 REV 1
logo
NXP Semiconductors
BC307B PHILIPS-BC307B Datasheet
52Kb / 8P
   PNP general purpose transistors
1997 Mar 07
logo
Fairchild Semiconductor
BC307B FAIRCHILD-BC307B Datasheet
69Kb / 5P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
ON Semiconductor
BC307B ONSEMI-BC307B Datasheet
93Kb / 4P
   Amplifier Transistors
May, 2011 ??Rev. 5
More results

同様の説明 - BC307BRL1G

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
logo
Motorola, Inc
BCX78-7 MOTOROLA-BCX78-7 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
New Jersey Semi-Conduct...
2N3727 NJSEMI-2N3727 Datasheet
128Kb / 1P
   PNP SILICON AMPLIFIER TRANSISTORS
logo
Motorola, Inc
BC16116 MOTOROLA-BC16116 Datasheet
199Kb / 8P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
BC212B ONSEMI-BC212B Datasheet
60Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
logo
Leshan Radio Company
L2N5401 LRC-L2N5401 Datasheet
99Kb / 4P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
2N5400 ONSEMI-2N5400 Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
LA733P ONSEMI-LA733P Datasheet
56Kb / 4P
   Amplifier Transistors (PNP Silicon)
August, 2001 ??Rev. 1
BC327 ONSEMI-BC327_07 Datasheet
68Kb / 5P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com