データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS51031GD8 データシート(PDF) 7 Page - ON Semiconductor

部品番号 CS51031GD8
部品情報  Fast P?묬h FET Buck Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51031GD8 データシート(HTML) 7 Page - ON Semiconductor

Back Button CS51031GD8 Datasheet HTML 2Page - ON Semiconductor CS51031GD8 Datasheet HTML 3Page - ON Semiconductor CS51031GD8 Datasheet HTML 4Page - ON Semiconductor CS51031GD8 Datasheet HTML 5Page - ON Semiconductor CS51031GD8 Datasheet HTML 6Page - ON Semiconductor CS51031GD8 Datasheet HTML 7Page - ON Semiconductor CS51031GD8 Datasheet HTML 8Page - ON Semiconductor CS51031GD8 Datasheet HTML 9Page - ON Semiconductor CS51031GD8 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CS51031
http://onsemi.com
7
4) Inductor Selection
The inductor value is chosen for continuous mode
operation down to 0.3 Amps.
The ripple current
DI = 2 × IOUTmin = 2 × 0.3 A = 0.6 A.
L min +
(VOUT ) VD)
TOFF(max)
DI
+
5.6 V
3.0
ms
0.6 A
+ 28 mH
This is the minimum value of inductor to keep the ripple
current < 0.6 A during normal operation.
A smaller inductor will result in larger ripple current.
Ripple current at a minimum off time is:
DI +
(VOUT ) VF)
TOFF(min)
LMIN
+
5.6 V
2.0
ms
28
mH
+ 0.4 A
The core must not saturate with the maximum expected
current, here given by:
IMAX + IOUT ) DI 2 + 3.0 A ) 0.4 A 2 + 3.2 A
5) Output Capacitor
The output capacitor and the inductor form a low pass
filter. The output capacitor should have a low ESL and ESR.
Low impedance aluminum electrolytic, tantalum or organic
semiconductor capacitors are a good choice for an output
capacitor. Low impedance aluminum are less expensive.
Solid tantalum chip capacitors are available from a number
of suppliers and are the best choice for surface mount
applications.
The output capacitor limits the output ripple voltage. The
CS51031 needs a maximum of 20 mV of output ripple for
the feedback comparator to change state. If we assume that
all the inductor ripple current flows through the output
capacitor and that it is an ideal capacitor (i.e. zero ESR), the
minimum capacitance needed to limit the output ripple to
50 mV peak−to−peak is given by:
C
+
DI
8.0
fSW
DV
+
0.6 A
8.0
(200
103Hz)
(50
10*3 V)
+ 7.5mF
The minimum ESR needed to limit the output voltage
ripple to 50 mV peak−to−peak is:
ESR
+ DV
DI +
50
10*3
0.6 A
+ 83 mW
The output capacitor should be chosen so that its ESR is
less than 83 m
W.
During the minimum off time, the ripple current is 0.4 A
and the output voltage ripple will be:
DV + ESR
DI + 83m W
0.4
+ 33 mV
6) VFB Divider
VOUT + 1.25 V
R1
) R2
R2
+ 1.25 V R1
R2
) 1.0
The input bias current to the comparator is 4.0
mA. The
resistor divider current should be considerably higher than
this to ensure that there is sufficient bias current. If we
choose the divider current to be at least 250 times the bias
current this permits a divider current of 1.0 mA and
simplifies the calculations.
5.0 V
1.0 mA
+ R1 ) R2 + 5.0 KW
Let R2 = 1.0 K
Rearranging the divider equation gives:
R1
+ R2
VOUT
1.25
* 1.0 + 1.0 kW 5.0 V
1.25
* 1.0 + 3.0 kW
7) Divider Bypass Capacitor CRR
Since the feedback resistors divide the output voltage by
a factor of 4.0, i.e. 5.0 V/1.25 V = 4.0, it follows that the
output ripple is also divided by four. This would require that
the output ripple be at least 60 mV (4.0
× 15 mV) to trip the
feedback comparator. We use a capacitor CRR to act as an
AC short.
The ripple voltage frequency is equal to the switching
frequency so we choose CRR = 1.0 nF.
8) Soft−Start and Fault Timing Capacitor CS
CS performs several important functions. First it provides
a delay time for load transients so that the IC does not enter
a fault mode every time the load changes abruptly. Secondly
it disables the fault circuitry during startup, it also provides
Soft−Start by clamping the reference voltage during startup,
allowing it to rise slowly, and, finally it controls the hiccup
short circuit protection circuitry. This reduces the duty cycle
to approximately 0.035 during short circuit conditions.
An important consideration in calculating CS is that it’s
voltage does not reach 2.5 V (the voltage at which the fault
detect circuitry is enabled) before VFB reaches 1.15 V
otherwise the power supply will never start.
If the VFB pin reaches 1.15 V, the fault timing comparator
will discharge CS and the supply will not start. For the VFB
voltage to reach 1.15 V the output voltage must be at least
4
× 1.15 = 4.6 V.
If we choose an arbitrary startup time of 900
ms, the value
of CS is:
tStartup +
CS
2.5 V
ICharge
CS min +
900
ms
264
mA
2.5 V
+ 950 nF ^ 0.1 mF


同様の部品番号 - CS51031GD8

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS51031GD8 ONSEMI-CS51031GD8 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51031GD8 ONSEMI-CS51031GD8 Datasheet
100Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51031GD8G ONSEMI-CS51031GD8G Datasheet
100Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
More results

同様の説明 - CS51031GD8

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS51031 ONSEMI-CS51031_10 Datasheet
100Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51033 ONSEMI-CS51033_05 Datasheet
96Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 10
logo
Texas Instruments
LM3409 TI1-LM3409 Datasheet
1Mb / 45P
[Old version datasheet]   P-FET Buck Controller for High-Power LED Drivers
logo
HTC Korea TAEJIN Techno...
LM51031 HTC-LM51031 Datasheet
273Kb / 9P
   Fast PFET Buck Controller
logo
ON Semiconductor
CS51031 ONSEMI-CS51031 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51033 ONSEMI-CS51033 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
October, 2002 ??Rev. 8
logo
NTE Electronics
NTE2905 NTE-NTE2905 Datasheet
100Kb / 3P
   P?묬h, Enhancement Mode High Speed Switch
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com