データシートサーチシステム |
|
CS51033GD8G データシート(PDF) 9 Page - ON Semiconductor |
|
CS51033GD8G データシート(HTML) 9 Page - ON Semiconductor |
9 / 10 page CS51033 http://onsemi.com 9 10) Diode Selection The flyback or catch diode should be a Schottky diode because of it’s fast switching ability and low forward voltage drop. The current rating must be at least equal to the maximum output current. The breakdown voltage should be at least 20 V for this 12 V application. The diode power dissipation is given by: PD + IOUT VD (1.0 * DMIN) ORDERING INFORMATION Device Operating Temperature Range Package Shipping† CS51033YD8 −40 °C < TA < 85°C SOIC−8 98 Units / Rail CS51033YD8G SOIC−8 (Pb−Free) 98 Units / Rail CS51033YDR8 SOIC−8 2500 Tape & Reel CS51033YDR8G SOIC−8 (Pb−Free) 2500 Tape & Reel CS51033GD8 0 °C < TA < 70°C SOIC−8 98 Units / Rail CS51033GD8G SOIC−8 (Pb−Free) 98 Units / Rail CS51033GDR8 SOIC−8 2500 Tape & Reel CS51033GDR8G SOIC−8 (Pb−Free) 2500 Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |
同様の部品番号 - CS51033GD8G |
|
同様の説明 - CS51033GD8G |