データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-0700 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 HCPL-0700
部品情報  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-0700 データシート(HTML) 1 Page - Fairchild Semiconductor

  HCPL-0700_05 Datasheet HTML 1Page - Fairchild Semiconductor HCPL-0700_05 Datasheet HTML 2Page - Fairchild Semiconductor HCPL-0700_05 Datasheet HTML 3Page - Fairchild Semiconductor HCPL-0700_05 Datasheet HTML 4Page - Fairchild Semiconductor HCPL-0700_05 Datasheet HTML 5Page - Fairchild Semiconductor HCPL-0700_05 Datasheet HTML 6Page - Fairchild Semiconductor HCPL-0700_05 Datasheet HTML 7Page - Fairchild Semiconductor HCPL-0700_05 Datasheet HTML 8Page - Fairchild Semiconductor HCPL-0700_05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PACKAGE DIMENSIONS
6/15/05
Page 1 of 12
© 2005 Fairchild Semiconductor Corporation
LOW INPUT CURRENT
HIGH GAIN SPLIT
DARLINGTON OPTOCOUPLERS
SINGLE CHANNEL:
HCPL-0700
HCPL-0701
DUAL CHANNEL:
HCPL-0730
HCPL-0731
DESCRIPTION
The HCPL-0700, HCPL-0701, HCPL-0730 and HCPL-0731 optocouplers consist of an AlGaAs LED optically coupled to a high
gain split darlington photodetector housed in a compact 8-pin small outline package. The HCPL-0730 and HCPL-0731 devices
have two channels per package for optimum mounting density.
The split darlington configuration separating the input photodiode and the first stage gain from the output transistor permits lower
output saturation voltage and higher speed operation than possible with conventional darlington phototransistor optocoupler.
The combination of a very low input current of 0.5 mA and a high current transfer ratio of 2000% makes this family particularly
useful for input interface to MOS, CMOS, LSTTL and EIA RS232C, while output compatibility is ensured to CMOS as well as high
fan-out TTL requirements.
FEATURES
•Low input current – 0.5 mA
Superior CTR – 2000%
Superior CMR – 10 kV/µs
CTR guaranteed 0-70°C
•U.L. Recognized (file# E90700)
VDE 0884 recognized (file# 136616)
– approval pending for HCPL-0730/0731
BSI recognized (file# 8661, 8662)
– HCPL-0700/0701 only
APPLICATIONS
Digital logic ground isolation
•Telephone ring detector
EIA-RS-232C line receiver
High common mode noise
line receiver
µP bus isolation
Current loop receiver
TRUTH TABLE
LED
VO
ON
LOW
OFF
HIGH
NOTE
All dimensions are in inches (millimeters)
Lead Coplanarity : 0.004 (0.10) MAX
0.202 (5.13)
Pin 1
0.019 (0.48)
0.182 (4.63)
0.021 (0.53)
0.011 (0.28)
0.050 (1.27)
TYP
0.244 (6.19)
0.224 (5.69)
0.143 (3.63)
0.123 (3.13)
0.008 (0.20)
0.003 (0.08)
0.010 (0.25)
0.006 (0.16)
0.164 (4.16)
0.144 (3.66)
1
2
3
4
5
6
7
8
+
_
V
F
V
CC
V
B
V
O
GND
HCPL0700 / HCPL0701
N/C
N/C
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
HCPL0730 / HCPL0731
V
F2
_
+


同様の部品番号 - HCPL-0700_05

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0700-000E AVAGO-HCPL-0700-000E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
HCPL-0700-020E AVAGO-HCPL-0700-020E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
HCPL-0700-060E AVAGO-HCPL-0700-060E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
More results

同様の説明 - HCPL-0700_05

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com