データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD3180TV データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 FOD3180TV
部品情報  2A Output Current, High Speed MOSFET Gate Driver Optocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3180TV データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button FOD3180TV Datasheet HTML 5Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 6Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 7Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 8Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 9Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 10Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 11Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 12Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
www.fairchildsemi.com
FOD3180 Rev. 1.0.3
Ordering Information
Example: FOD3180
X
Marking Information
X
Packaging Option
S:
Surface Mount Lead Bend
SD: Surface Mount, Tape and Reel
T:
0.4" Lead Spacing
V:
VDE Approved
TV:
VDE Approved, 0.4" Lead Spacing
SV:
VDE Approved, Surface Mount
SDV: VDE Approved, Surface Mount,Tape and Reel
1
2
6
4
3
5
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4Two digit year code, e.g., ‘03’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
3180
B
YY
XX
V


同様の部品番号 - FOD3180TV

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD3180TV FAIRCHILD-FOD3180TV Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180TV ONSEMI-FOD3180TV Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
More results

同様の説明 - FOD3180TV

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
   3A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181 Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181 FAIRCHILD-FOD3181_08 Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com