データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD3181TV データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FOD3181TV
部品情報  0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3181TV データシート(HTML) 5 Page - Fairchild Semiconductor

  FOD3181TV Datasheet HTML 1Page - Fairchild Semiconductor FOD3181TV Datasheet HTML 2Page - Fairchild Semiconductor FOD3181TV Datasheet HTML 3Page - Fairchild Semiconductor FOD3181TV Datasheet HTML 4Page - Fairchild Semiconductor FOD3181TV Datasheet HTML 5Page - Fairchild Semiconductor FOD3181TV Datasheet HTML 6Page - Fairchild Semiconductor FOD3181TV Datasheet HTML 7Page - Fairchild Semiconductor FOD3181TV Datasheet HTML 8Page - Fairchild Semiconductor FOD3181TV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
www.fairchildsemi.com
FOD3181 Rev. 1.0.3
Typical Performance Curves
Fig. 1 Input Forward Current vs. Forward Voltage
VF – Forward Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0.001
0.01
0.1
1
10
100
T
A = 100
oC
T
A = 25
oC
T
A = -40
oC
Fig. 2 Low To High Input Current Threshold
vs. Ambient Temperature
TA – Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
0
1
2
3
4
5
6
V
CC
= 10 to 20V
V
EE = 0
Output = Open
Fig. 3 Output Low Voltage vs. Ambient Temperature
TA – Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
0.00
0.05
0.10
0.15
0.20
0.25
0.30
V
F(OFF) = -3.0 to 0.8V
I
OUT = 100mA
V
CC
= 10 to 20V
V
EE = 0
Fig. 4 High Output Voltage Drop vs. Ambient Temperature
TA – Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
V
CC
= 10 to 20V, V
EE = 0
I
F = 10 to 16 mA
I
OUT = -100 mA
Fig. 5 Supply Current vs. Ambient Temperature
TA – Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
3.8
4.2
4.6
5.0
5.4
5.8
6.2
V
CC
= 20V, V
EE = 0
I
F = 10 mA (for ICCH)
I
F = 0 mA (for ICCL)
I
CCL
I
CCH
Fig. 6 Supply Current vs. Supply Voltage
VCC – Supply Voltage (V)
10
12
14
16
18
20
3.8
4.2
4.6
5.0
5.4
5.8
6.2
I
F = 10mA (for ICCH)
I
F = 0mA (for ICCL)
T
A = 25
oC, V
EE = 0V
I
CCL
I
CCH


同様の部品番号 - FOD3181TV

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD3181TV FAIRCHILD-FOD3181TV Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
More results

同様の説明 - FOD3181TV

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181_08 Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
   3A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com