データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD3181SDV データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 FOD3181SDV
部品情報  0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3181SDV データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button FOD3181SDV Datasheet HTML 4Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 5Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 6Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 7Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 8Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 9Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 10Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 11Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
www.fairchildsemi.com
FOD3181 Rev. 1.0.3
IOH and IOL Test Conditions
This device is tested and specified when driving a complex
reactive load. The load consists of a capacitor in the series with
a current limiting resistor. The capacitor represents the gate to
source capacitance of a power MOSFET transistor. The test
load is a 0.03uF capacitor in series with an 40
Ω resistor. The
LED test frequency is 10.0kHz with a 50% duty cycle. The com-
bined IOH and IOL output load current duty factor is 0.6% at the
test frequency.
Figure 14 illustrates the relationship of the LED input drive
current and the device’s output voltage and sourcing and sink-
ing currents. The 0.03µF capacitor load represents the gate to
source capacitance of a very large power MOSFET transistor.
A single supply voltage of 20V is used in the evaluation.
Figure 15 shows the test schematic to evaluate the output volt-
age and sourcing and sinking capability of the device. The IOH
and IOL are measured at the peak of their respective current
pulses.
Figure 14. FOD 3180 Output Current and Output Voltage vs. LED Drive
Figure 15. Test Schematic
0
20V
IF = 8mA
P-Channel (ON)
IOH = 0.5A
IOL = 0.5A
N-Channel (ON)
ON
OFF
LED
OUTPUT
Load
Current
1µs/Div
1
2
3
4
8
IFMON
IOMON
VO
100
100
40
0.1
µF
22
µF
0.33
µF
Pulse
Generator
7
6
5
FOD3181


同様の部品番号 - FOD3181SDV

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD3181SDV FAIRCHILD-FOD3181SDV Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
More results

同様の説明 - FOD3181SDV

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181_08 Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
   3A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com