データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD3181SDV データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FOD3181SDV
部品情報  0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3181SDV データシート(HTML) 2 Page - Fairchild Semiconductor

  FOD3181SDV Datasheet HTML 1Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 2Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 3Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 4Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 5Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 6Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 7Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 8Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.fairchildsemi.com
FOD3181 Rev. 1.0.3
Absolute Maximum Ratings
Recommended Operating Conditions
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-20 to +85
°C
TJ
Junction Temperature
-20 to +125
°C
TSOL
Lead Solder Temperature
260 for 10 sec.
°C
IF(AVG)
Average Input Current(1)
25
mA
IF(tr)
Minimum Rate of Rise of LED Current
250
ns
IF(TRAN)
Peak Transient Input Current (<1µs pulse width, 300pps)
1.0
A
VR
Reverse Input Voltage
5
V
IOH(PEAK)
“High” Peak Output Current(2)
1.5
A
IOL(PEAK)
“Low” Peak Output Current(2)
1.5
A
VCC – VEE
Supply Voltage
-0.5 to 25
V
VO(PEAK)
Output Voltage
0 to VCC
V
PO
Output Power Dissipation(4)
250
mW
PD
Total Power Dissipation(4)
300
mW
Symbol
Parameter
Value
Units
VCC – VEE
Power Supply
10 to 20
V
IF(ON)
Input Current (ON)
12 to 18
mA
VF(OFF)
Input Voltage (OFF)
0 to 0.8
V
TOPR
Operating Temperature
-20 to +85
°C


同様の部品番号 - FOD3181SDV

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD3181SDV FAIRCHILD-FOD3181SDV Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
More results

同様の説明 - FOD3181SDV

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181_08 Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
   3A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com