データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

J111RLRAG データシート(PDF) 2 Page - ON Semiconductor

部品番号 J111RLRAG
部品情報  JFET Chopper Transistors N?묬hannel - Depletion
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

J111RLRAG データシート(HTML) 2 Page - ON Semiconductor

  J111RLRAG Datasheet HTML 1Page - ON Semiconductor J111RLRAG Datasheet HTML 2Page - ON Semiconductor J111RLRAG Datasheet HTML 3Page - ON Semiconductor J111RLRAG Datasheet HTML 4Page - ON Semiconductor J111RLRAG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
J111, J112
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Gate −Source Breakdown Voltage
(IG = −1.0 mAdc)
V(BR)GSS
35
Vdc
Gate Reverse Current
(VGS = −15 Vdc)
IGSS
−1.0
nAdc
Gate Source Cutoff Voltage
(VDS = 5.0 Vdc, ID = 1.0 mAdc)
J111
J112
VGS(off)
−3.0
−1.0
−10
−5.0
Vdc
Drain−Cutoff Current
(VDS = 5.0 Vdc, VGS = −10 Vdc)
ID(off)
1.0
nAdc
ON CHARACTERISTICS
Zero−Gate−Voltage Drain Current(1)
(VDS = 15 Vdc)
J111
J112
IDSS
20
5.0
2.0
mAdc
Static Drain−Source On Resistance
(VDS = 0.1 Vdc)
J111
J112
rDS(on)
30
50
W
Drain Gate and Source Gate On−Capacitance
(VDS = VGS = 0, f = 1.0 MHz)
Cdg(on)
+
Csg(on)
28
pF
Drain Gate Off−Capacitance
(VGS = −10 Vdc, f = 1.0 MHz)
Cdg(off)
5.0
pF
Source Gate Off−Capacitance
(VGS = −10 Vdc, f = 1.0 MHz)
Csg(off)
5.0
pF
1. Pulse Width = 300
ms, Duty Cycle = 3.0%.
ORDERING INFORMATION
Device
Package
Shipping
J111RL1
TO−92
2000 Units / Tape & Reel
J111RL1G
TO−92
(Pb−Free)
J111RLRA
TO−92
2000 Units / Tape & Reel
J111RLRAG
TO−92
(Pb−Free)
J111RLRP
TO−92
2000 Units / Tape & Reel
J111RLRPG
TO−92
(Pb−Free)
J112
TO−92
1000 Units / Bulk
J112G
TO−92
(Pb−Free)
J112RL1
TO−92
2000 Units / Tape & Reel
J112RL1G
TO−92
(Pb−Free)
J112RLRA
TO−92
2000 Units / Tape & Reel
J112RLRAG
TO−92
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


同様の部品番号 - J111RLRAG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
J111 PHILIPS-J111 Datasheet
35Kb / 6P
   N-channel silicon field-effect transistors
July 1993
logo
Micross Components
J111 MICROSS-J111 Datasheet
289Kb / 1P
   Linear Systems replaces discontinued Siliconix J111
logo
Fairchild Semiconductor
J111 FAIRCHILD-J111 Datasheet
101Kb / 5P
   N-Channel Switch
logo
InterFET Corporation
J111 INTERFET-J111 Datasheet
98Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
Calogic, LLC
J111 CALOGIC-J111 Datasheet
21Kb / 1P
   N-Channel JFET Switch
More results

同様の説明 - J111RLRAG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BSR58LT1 ONSEMI-BSR58LT1 Datasheet
92Kb / 4P
   JFET Chopper Transistor N?묬hannel ??Depletion
August, 2005 ??Rev. 1
MMBFJ177LT1G ONSEMI-MMBFJ177LT1G_09 Datasheet
114Kb / 3P
   JFET Chopper P?묬hannel ??Depletion
August, 2009 ??Rev. 4
MPF4392 ONSEMI-MPF4392_06 Datasheet
75Kb / 6P
   JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
2N5638 ONSEMI-2N5638_06 Datasheet
51Kb / 3P
   JFET Chopper Transistors N-Channel - Depletion
March, 2006 ??Rev. 4
J111 ONSEMI-J111_12 Datasheet
90Kb / 5P
   JFET Chopper Transistors N.Channel . Depletion
March, 2006 ??Rev. 2
J110 ONSEMI-J110 Datasheet
52Kb / 4P
   JFET ??General Purpose N?묬hannel ??Depletion
November, 2005 ??Rev. 6
logo
Motorola, Inc
J112 MOTOROLA-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor (N-Channel- Depletion)
logo
ON Semiconductor
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
   JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
2N5460 ONSEMI-2N5460_06 Datasheet
60Kb / 5P
   JFET Amplifier P?묬hannel ??Depletion
March, 2006 ??Rev. 5
MMBFJ175LT1 ONSEMI-MMBFJ175LT1_06 Datasheet
42Kb / 2P
   JFET Chopper P-Channel - Depletion
February, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com