データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM258 データシート(PDF) 10 Page - ON Semiconductor

部品番号 LM258
部品情報  Single Supply Dual Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM258 データシート(HTML) 10 Page - ON Semiconductor

Back Button LM258 Datasheet HTML 6Page - ON Semiconductor LM258 Datasheet HTML 7Page - ON Semiconductor LM258 Datasheet HTML 8Page - ON Semiconductor LM258 Datasheet HTML 9Page - ON Semiconductor LM258 Datasheet HTML 10Page - ON Semiconductor LM258 Datasheet HTML 11Page - ON Semiconductor LM258 Datasheet HTML 12Page - ON Semiconductor LM258 Datasheet HTML 13Page - ON Semiconductor LM258 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LM258, LM358, LM358A, LM2904, LM2904A, LM2904V, NCV2904
http://onsemi.com
10
ORDERING INFORMATION
Device
Operating Temperature Range
Package
Shipping
LM358ADR2G
0°C to +70°C
SOIC−8
(Pb−Free)
2500 Tape & Reel
LM358D
SOIC−8
98 Units/Rail
LM358DG
SOIC−8
(Pb−Free)
98 Units/Rail
LM358DR2
SOIC−8
2500 Tape & Reel
LM358DR2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
LM358DMR2
Micro8
4000 Tape & Reel
LM358DMR2G
Micro8
(Pb−Free)
4000 Tape & Reel
LM358N
PDIP−8
50 Units/Rail
LM358NG
PDIP−8
(Pb−Free)
50 Units/Rail
LM258D
−25°C to +85°C
SOIC−8
98 Units/Rail
LM258DG
SOIC−8
(Pb−Free)
98 Units/Rail
LM258DR2
SOIC−8
2500 Tape & Reel
LM258DR2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
LM258DMR2
Micro8
4000 Tape & Reel
LM258DMR2G
Micro8
(Pb−Free)
4000 Tape & Reel
LM258N
PDIP−8
50 Units/Rail
LM258NG
PDIP−8
(Pb−Free)
50 Units/Rail
LM2904D
−40°C to +105°C
SOIC−8
98 Units/Rail
LM2904DG
SOIC−8
(Pb−Free)
98 Units/Rail
LM2904DR2
SOIC−8
2500 Tape & Reel
LM2904DR2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
LM2904DMR2
Micro8
2500 Tape & Reel
LM2904DMR2G
Micro8
(Pb−Free)
2500 Tape & Reel
LM2904N
PDIP−8
50 Units/Rail
LM2904NG
PDIP−8
(Pb−Free)
50 Units/Rail
LM2904ADMG
Micro8
(Pb−Free)
4000 Tape & Reel
LM2904ADMR2
Micro8
4000 Tape & Reel
LM2904ADMR2G
Micro8
(Pb−Free)
4000 Tape & Reel
LM2904AN
PDIP−8
50 Units/Rail
LM2904ANG
PDIP−8
(Pb−Free)
50 Units/Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


同様の部品番号 - LM258

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
LM258 PHILIPS-LM258 Datasheet
122Kb / 12P
   Low power dual operational amplifi
2002 Jul 12
logo
Guangdong Kexin Industr...
LM258 KEXIN-LM258 Datasheet
73Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
STMicroelectronics
LM258 STMICROELECTRONICS-LM258 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
Rev 3 July 2005
LM258 STMICROELECTRONICS-LM258 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
ARTSCHIP ELECTRONICS CO...
LM258 ARTSCHIP-LM258 Datasheet
252Kb / 16P
   Frequency - Compensated
More results

同様の説明 - LM258

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Guangdong Kexin Industr...
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
   Single Supply Dual Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM358 LUGUANG-LM358 Datasheet
167Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
LM258 KEXIN-LM258 Datasheet
73Kb / 2P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com