データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM285Z-1.2G データシート(PDF) 4 Page - ON Semiconductor

部品番号 LM285Z-1.2G
部品情報  Micropower Voltage Reference Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM285Z-1.2G データシート(HTML) 4 Page - ON Semiconductor

  LM285Z-1.2G Datasheet HTML 1Page - ON Semiconductor LM285Z-1.2G Datasheet HTML 2Page - ON Semiconductor LM285Z-1.2G Datasheet HTML 3Page - ON Semiconductor LM285Z-1.2G Datasheet HTML 4Page - ON Semiconductor LM285Z-1.2G Datasheet HTML 5Page - ON Semiconductor LM285Z-1.2G Datasheet HTML 6Page - ON Semiconductor LM285Z-1.2G Datasheet HTML 7Page - ON Semiconductor LM285Z-1.2G Datasheet HTML 8Page - ON Semiconductor LM285Z-1.2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LM285, LM385B
http://onsemi.com
4
1.1
t, TIME (ms)
0
1.0
0.9
0.8
0.7
0.6
0.3
0.2
0.1
1.25
1.50
0.75
0.50
0
5.0
0.25
10
0
1.00
Input
DUT
Output
100 k
100
875
1.0K
100k
10K
10
0
125
250
375
750
625
500
f, FREQUENCY (Hz)
125
TA , AMBIENT TEMPERATURE (°C)
1.210
1.220
1.230
1.240
1.250
100
75
50
025
−25
−50
10
0.01
100
1.0
0.1
1.2
1.0
0.8
0.6
0.4
0.2
0
IF , FORWARD CURRENT (mA)
TYPICAL PERFORMANCE CURVES FOR LM285−1.2/385−1.2/385B−1.2
0.2
0.4
0.6
0.8
1.0
1.2
10
1.4
100
1.0
0.1
0
V(BR), REVERSE VOLTAGE (V)
0.1
1.0
10
100
0.01
8.0
6.0
4.0
2.0
0
−2.0
10
IR, REVERSE CURRENT (mA)
TA = +85°C
+25 °C
−40 °C
TA = +85°C
+25 °C
−40 °C
TA = −40°C
+25 °C
+85 °C
IR = 100 mA
Figure 2. Reverse Characteristics
Figure 3. Reverse Characteristics
Figure 4. Forward Characteristics
Figure 5. Temperature Drift
Figure 6. Noise Voltage
Figure 7. Response Time


同様の部品番号 - LM285Z-1.2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM285Z-1.2G ONSEMI-LM285Z-1.2G Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285Z-1.2G ONSEMI-LM285Z-1.2G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285Z-1.2G ONSEMI-LM285Z-1.2G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285Z-1.2G ONSEMI-LM285Z-1.2G Datasheet
100Kb / 9P
   Micropower Voltage Reference Diodes
October, 2016 ??Rev. 9
More results

同様の説明 - LM285Z-1.2G

メーカー部品番号データシート部品情報
logo
Motorola, Inc
LM285 MOTOROLA-LM285 Datasheet
110Kb / 7P
   MICROPOWER VOLTAGE REFERENCE DIODES
logo
ON Semiconductor
LM385D-25R2 ONSEMI-LM385D-25R2 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-1.2R2G ONSEMI-LM385D-1.2R2G Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_16 Datasheet
100Kb / 9P
   Micropower Voltage Reference Diodes
October, 2016 ??Rev. 9
LM385Z-25G ONSEMI-LM385Z-25G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_08 Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-25R2G ONSEMI-LM385D-25R2G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com