データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317T データシート(PDF) 9 Page - ON Semiconductor

部品番号 LM317T
部品情報  1.5 A Adjustable Output, Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317T データシート(HTML) 9 Page - ON Semiconductor

Back Button LM317T Datasheet HTML 4Page - ON Semiconductor LM317T Datasheet HTML 5Page - ON Semiconductor LM317T Datasheet HTML 6Page - ON Semiconductor LM317T Datasheet HTML 7Page - ON Semiconductor LM317T Datasheet HTML 8Page - ON Semiconductor LM317T Datasheet HTML 9Page - ON Semiconductor LM317T Datasheet HTML 10Page - ON Semiconductor LM317T Datasheet HTML 11Page - ON Semiconductor LM317T Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LM317, NCV317
http://onsemi.com
9
Figure 23. Adjustable Current Limiter
Figure 24. 5.0 V Electronic Shutdown Regulator
Vref
+25 V
Vin
LM317
Vout
R1
1.25
Adjust
Iout
D2
1N4001
2N5640
R2
100
* To provide current limiting of IO to the system
* ground, the source of the FET must be tied to a
* negative voltage below − 1.25 V.
R2
Vref
R1 =
VSS*
D1
1N4001
VO < BVDSS + 1.25 V + VSS,
ILmin − IDSS < IO < 1.5 A.
As shown 0 < IO < 1.0 A.
Vin
D1*
1N4002
Vout
120
Adjust
720
+
1.0
mF
MPS2222
1.0 k
TTL
Control
LM317
Minimum Vout = 1.25 V
* D1 protects the device during an input short circuit.
IOmax + IDSS
IDDS
Figure 25. Slow Turn−On Regulator
Figure 26. Current Regulator
+ 1.25V
R
1
+
10
mF
Vin
Vout
240
1N4001
LM317
Adjust
MPS2907
R2
50 k
LM317
Vin
Vout
R1
Adjust
IAdj
Iout
10 mA
≤ Iout ≤ 1.5 A
Iout +
V
ref
R
1
) I
Adj


同様の部品番号 - LM317T

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM317T NSC-LM317T Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
ON Semiconductor
LM317T ONSEMI-LM317T Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317T ONSEMI-LM317T Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
logo
Comset Semiconductor
LM317T COMSET-LM317T Datasheet
96Kb / 2P
   3-Terminal Positive Adjustable Regulators
logo
STMicroelectronics
LM317T STMICROELECTRONICS-LM317T Datasheet
99Kb / 11P
   1.2V TO 37V VOLTAGE REGULATOR
More results

同様の説明 - LM317T

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
   1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
logo
KODENSHI_AUK CORP.
SN317PI KODENSHI-SN317PI Datasheet
401Kb / 8P
   [ 1.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com