データシートサーチシステム |
|
LM2931Z-5.0RPG データシート(PDF) 7 Page - ON Semiconductor |
|
LM2931Z-5.0RPG データシート(HTML) 7 Page - ON Semiconductor |
7 / 23 page LM2931, NCV2931 Series http://onsemi.com 7 Vin, INPUT VOLTAGE (V) 0 2.0 4.0 6.0 8.0 10 12 −20 −10 0 1020 3040 50 60 RL = 50 W TJ, JUNCTION TEMPERATURE (°C) −55 −25 0 25 50 75 100 125 0 2.0 4.0 6.0 8.0 IO = 100 mA f, FREQUENCY (Hz) 55 65 75 85 95 10 100 1.0 k 1.0 M 10 M CO(ESR) = 0.15 W Tantulum 85 95 0 20 406080 100 IO, OUTPUT CURRENT (mA) f, FREQUENCY (Hz) 0 0.4 0.8 1.2 1.6 2.0 10 100 1.0 k 10 k 100 k 1.0 M 10 M CO(ESR) = 0.3 W Electrolytic CO(ESR) = 0.15 W Tantulum 0 2.0 4.0 6.0 8.0 020 40 60 80 100 IO, OUTPUT CURRENT (mA) IO = 0 mA IO = 50 mA Vout = 5.0 V TJ = 25°C Vin = 14 V Vout = 5.0 V IO = 10 mA DIO = 1.0 mA CO = 100 mF TJ = 25°C Vin = 14 V Vout = 5.0 V 65 75 Vin = 14 V Vout = 5.0 V f = 120 Hz TJ = 25°C Vin = 14 V Vout = 5.0 V DVin = 100 mV RL = 500 W CO = 100 mF TJ = 25°C CO(ESR) = 0.3 W Electrolytic 10 k 100 k Figure 7. Bias Current versus Input Voltage Figure 8. Bias Current versus Output Current Figure 9. Bias Current versus Junction Temperature Figure 10. Output Impedance versus Frequency Figure 11. Ripple Rejection versus Frequency Figure 12. Ripple Rejection versus Output Current RL = 100 W RL = 500 W Vin = 14 V Vout = 5.0 V TJ = 25°C |
同様の部品番号 - LM2931Z-5.0RPG |
|
同様の説明 - LM2931Z-5.0RPG |