データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU323Z データシート(PDF) 7 Page - ON Semiconductor

部品番号 BU323Z
部品情報  NPN Silicon Power Darlington High Voltage Autoprotected
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BU323Z データシート(HTML) 7 Page - ON Semiconductor

  BU323Z_06 Datasheet HTML 1Page - ON Semiconductor BU323Z_06 Datasheet HTML 2Page - ON Semiconductor BU323Z_06 Datasheet HTML 3Page - ON Semiconductor BU323Z_06 Datasheet HTML 4Page - ON Semiconductor BU323Z_06 Datasheet HTML 5Page - ON Semiconductor BU323Z_06 Datasheet HTML 6Page - ON Semiconductor BU323Z_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
BU323Z
http://onsemi.com
7
Notes
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
BU323Z/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


同様の部品番号 - BU323Z_06

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BU323Z ONSEMI-BU323Z_09 Datasheet
178Kb / 6P
   NPN Silicon Power Darlington
October, 2009 ??Rev. 14
More results

同様の説明 - BU323Z_06

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BUB323Z ONSEMI-BUB323Z_05 Datasheet
90Kb / 8P
   NPN Silicon Power Darlington High Voltage Autoprotected D2PAK for Surface Mount
August, 2005 ??Rev. 1
logo
Seme LAB
BUX37 SEME-LAB-BUX37 Datasheet
20Kb / 2P
   HIGH VOLTAGE SILICON NPN DARLINGTON
logo
Central Semiconductor C...
CMPTA29 CENTRAL-CMPTA29 Datasheet
80Kb / 2P
   HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
logo
NTE Electronics
NTE2557 NTE-NTE2557 Datasheet
19Kb / 2P
   Silicon NPN Transistor Darlington, High Voltage Switch, Power Amp
NTE2317 NTE-NTE2317 Datasheet
28Kb / 2P
   Silicon NPN Transistor High Voltage Fast Switching Power Darlington
logo
Microsemi Corporation
2N7370 MICROSEMI-2N7370 Datasheet
62Kb / 2P
   NPN DARLINGTON HIGH POWER SILICON TRANSISTOR
logo
ON Semiconductor
FJB102 ONSEMI-FJB102 Datasheet
362Kb / 7P
   NPN High-Voltage Power Darlington Transistor
December 2014 Rev. 1.1.0
logo
Zetex Semiconductors
FCX705 ZETEX-FCX705 Datasheet
91Kb / 5P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Unisonic Technologies
UDT1605 UTC-UDT1605_15 Datasheet
126Kb / 3P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
ON Semiconductor
BUB323Z ONSEMI-BUB323Z_14 Datasheet
85Kb / 8P
   NPN Silicon Power Darlington
September, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com