データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU323Z データシート(PDF) 2 Page - ON Semiconductor

部品番号 BU323Z
部品情報  NPN Silicon Power Darlington High Voltage Autoprotected
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BU323Z データシート(HTML) 2 Page - ON Semiconductor

  BU323Z_06 Datasheet HTML 1Page - ON Semiconductor BU323Z_06 Datasheet HTML 2Page - ON Semiconductor BU323Z_06 Datasheet HTML 3Page - ON Semiconductor BU323Z_06 Datasheet HTML 4Page - ON Semiconductor BU323Z_06 Datasheet HTML 5Page - ON Semiconductor BU323Z_06 Datasheet HTML 6Page - ON Semiconductor BU323Z_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BU323Z
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS (1)
Collector−Emitter Clamping Voltage (IC = 7.0 A)
(TC = −40°C to +125°C)
VCLAMP
350
450
Vdc
Collector−Emitter Cutoff Current
(VCE = 200 V, IB = 0)
ICEO
100
μAdc
Emitter−Base Leakage Current
(VEB = 6.0 Vdc, IC = 0)
IEBO
50
mAdc
ON CHARACTERISTICS (1)
Base−Emitter Saturation Voltage
(IC = 8.0 Adc, IB = 100 mAdc)
(IC = 10 Adc, IB = 0.25 Adc)
VBE(sat)
2.2
2.5
Vdc
Collector−Emitter Saturation Voltage
(IC = 7.0 Adc, IB = 70 mAdc)
(TC = 125°C)
(IC = 8.0 Adc, IB = 0.1 Adc)
(TC = 125°C)
(IC = 10 Adc, IB = 0.25 Adc)
VCE(sat)
1.6
1.8
1.8
2.1
1.7
Vdc
Base−Emitter On Voltage
(IC = 5.0 Adc, VCE = 2.0 Vdc)
(TC = −40°C to +125°C)
(IC = 8.0 Adc, VCE = 2.0 Vdc)
VBE(on)
1.1
1.3
2.1
2.3
Vdc
Diode Forward Voltage Drop
(IF = 10 Adc)
VF
2.5
Vdc
DC Current Gain
(IC = 6.5 Adc, VCE = 1.5 Vdc)
(TC = −40°C to +125°C)
(IC = 5.0 Adc, VCE = 4.6 Vdc)
hFE
150
500
3400
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth
(IC = 0.2 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
2.0
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
200
pF
Input Capacitance
(VEB = 6.0 V)
Cib
550
pF
CLAMPING ENERGY (see notes)
Repetitive Non−Destructive Energy Dissipated at turn−off:
(IC = 7.0 A, L = 8.0 mH, RBE = 100 Ω) (see Figures 2 and 4)
WCLAMP
200
mJ
SWITCHING CHARACTERISTICS: Inductive Load (L = 10 mH)
Fall Time
(IC = 6.5 A, IB1 = 45 mA,
VBE(off) = 0, RBE(off) = 0,
VCC = 14 V, VZ = 300 V)
tfi
625
ns
Storage Time
tsi
10
30
μs
Cross−over Time
tc
1.7
μs
(1) Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle = 2.0%.


同様の部品番号 - BU323Z_06

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BU323Z ONSEMI-BU323Z_09 Datasheet
178Kb / 6P
   NPN Silicon Power Darlington
October, 2009 ??Rev. 14
More results

同様の説明 - BU323Z_06

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BUB323Z ONSEMI-BUB323Z_05 Datasheet
90Kb / 8P
   NPN Silicon Power Darlington High Voltage Autoprotected D2PAK for Surface Mount
August, 2005 ??Rev. 1
logo
Seme LAB
BUX37 SEME-LAB-BUX37 Datasheet
20Kb / 2P
   HIGH VOLTAGE SILICON NPN DARLINGTON
logo
Central Semiconductor C...
CMPTA29 CENTRAL-CMPTA29 Datasheet
80Kb / 2P
   HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
logo
NTE Electronics
NTE2557 NTE-NTE2557 Datasheet
19Kb / 2P
   Silicon NPN Transistor Darlington, High Voltage Switch, Power Amp
NTE2317 NTE-NTE2317 Datasheet
28Kb / 2P
   Silicon NPN Transistor High Voltage Fast Switching Power Darlington
logo
Microsemi Corporation
2N7370 MICROSEMI-2N7370 Datasheet
62Kb / 2P
   NPN DARLINGTON HIGH POWER SILICON TRANSISTOR
logo
ON Semiconductor
FJB102 ONSEMI-FJB102 Datasheet
362Kb / 7P
   NPN High-Voltage Power Darlington Transistor
December 2014 Rev. 1.1.0
logo
Zetex Semiconductors
FCX705 ZETEX-FCX705 Datasheet
91Kb / 5P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Unisonic Technologies
UDT1605 UTC-UDT1605_15 Datasheet
126Kb / 3P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
ON Semiconductor
BUB323Z ONSEMI-BUB323Z_14 Datasheet
85Kb / 8P
   NPN Silicon Power Darlington
September, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com