データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5336MPX データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FAN5336MPX
部品情報  1.5MHz Boost Regulator with 33V Integrated FET Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5336MPX データシート(HTML) 4 Page - Fairchild Semiconductor

  FAN5336MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FAN5336 Rev. 1.0.0
4
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Electrical Characteristics
VIN = 2.7 to 5.5V, VSHDN = VIN, and TA = -40°C to +85°C. Typical values are at TA = 25°C and VIN = 3.6V unless
otherwise noted.
Note:
3.The line regulation is calculated based on
.
Test Circuit
Figure 3. Test Circuit
Parameter
Conditions
Refer to the Test Circuit in Figure 3.
Min.
Typ.
Max.
Units
Output Voltage Accuracy
VIN = 3.6V
-3
+3
%
Switch Current Limit
VIN = 3.2V
1.1
1.5
1.8
A
Load Current
VOUT = 21V ±5%, VIN ≥ 3.0V
75
mA
VOUT = 21V ±5%, VIN ≥ 3.2V,
TON < 0.4s, TOFF > 3.6s
100
Switch On-Resistance
VIN = 3.6V
0.4
Ω
Quiescent Current
No Switching, VFB ≥ 1.27V
0.7
mA
Switching
6.5
OFF Mode Current
VSHDN = 0V
0.1
3.0
µA
Shutdown Threshold
Device ON
1.5
V
Device OFF
0.5
Shutdown Pin Bias Current
VSHDN = 0V or VSHDN = 5.5V
1
10
nA
Feedback Voltage (VREF)ILoad = 0mA, VIN = 3.6V at 25°C
1.205
1.230
1.255
V
Feedback Pin Bias Current
1
10
nA
Feedback Voltage Line
Regulation(3)
3.0V < VIN < 5.5V, ILOAD = 0mA
0.4
1.5
%/V
Switching Frequency
1.15
1.50
1.85
MHz
Maximum Duty Cycle
87
93
%
Start-up Turn-on Time
VIN = 3.0V, IOUT = 75mA
3.0
5.0
ms
Load Regulation
VIN = 3.6V, 1mA < ILoad <100mA
0.2
%
Switch Leakage Current
No Switching, VIN = 5.5V
1
µA
ΔV
OUT
ΔV
IN
------------------
1
V
OUT
--------------
×
SHDN
VIN
VOUT
R1
R2
NC
GND
V
IN
P1
FB
SW
CF
CIN
6.8µH
1
3
2
5
6
4
10µF
180pF
COUT
L
BAT54
4.7µF
2.7V to 5.5V
ON
OFF
10k
160k


同様の部品番号 - FAN5336MPX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5336MPX FAIRCHILD-FAN5336MPX Datasheet
645Kb / 10P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
More results

同様の説明 - FAN5336MPX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5336 FAIRCHILD-FAN5336_07 Datasheet
645Kb / 10P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
logo
Renesas Technology Corp
ISL78219 RENESAS-ISL78219 Datasheet
796Kb / 15P
   Automotive Boost Regulator with 4A Integrated Switch
logo
Eutech Microelectronics...
EUP2570 EUTECH-EUP2570 Datasheet
72Kb / 1P
   1MHz Boost Regulator with 18V Integrated FET Switch in Tiny SOT-23
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331 Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
logo
Intersil Corporation
ISL97701 INTERSIL-ISL97701 Datasheet
189Kb / 10P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Renesas Technology Corp
ISL97701 RENESAS-ISL97701 Datasheet
547Kb / 11P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Microchip Technology
MCP1661 MICROCHIP-MCP1661 Datasheet
1,011Kb / 34P
   High-Voltage Integrated Switch PWM Boost Regulator with UVLO
01/27/15
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
logo
Micrel Semiconductor
MIC3223 MICREL-MIC3223 Datasheet
1Mb / 24P
   High Power Boost LED Driver with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com