データシートサーチシステム |
|
MC10E016FNR2 データシート(PDF) 9 Page - ON Semiconductor |
|
MC10E016FNR2 データシート(HTML) 9 Page - ON Semiconductor |
9 / 12 page MC10E016, MC100E016 http://onsemi.com 9 APPLICATIONS INFORMATION (continued) E016 MSB CLK TC PE CE E016 CLK TC PE CE E016 CLK TC PE CE EL01 EL01 EL01 CLOCK Q0 −> Q7 PO −> P7 Q0 −> Q7 PO −> P7 Q0 −> Q7 PO −> P7 Q0 −> Q7 PO −> P7 LO E016 LSB CLK TC PE CE Figure 6. 32−Bit Cascaded E016 Programmable Divider OUT Figure 6 shows a typical block diagram of a 32−bit divider chain. Once again to maximize the frequency of operation EL01 OR gates were used. For lower frequency applications a slower OR gate could replace the EL01. Note that for a 16−bit divider the OR function feeding the PE (program enable) input CANNOT be replaced by a wire OR tie as the TC output of the least significant E016 must also feed the CE input of the most significant E016. If the two TC outputs were OR tied the cascaded count operation would not operate properly. Because in the cascaded form the PE feedback is external and requires external gating, the maximum frequency of operation will be significantly less than the same operation in a single device. Maximizing E016 Count Frequency The E016 device produces 9 fast transitioning single−ended outputs, thus VCC noise can become significant in situations where all of the outputs switch simultaneously in the same direction. This VCC noise can negatively impact the maximum frequency of operation of the device. Since the device does not need to have the Q outputs terminated to count properly, it is recommended that if the outputs are not going to be used in the rest of the system they should be left unterminated. In addition, if only a subset of the Q outputs are used in the system only those outputs should be terminated. Not terminating the unused outputs will not only cut down the VCC noise generated but will also save in total system power dissipation. Following these guidelines will allow designers to either be more aggressive in their designs or provide them with an extra margin to the published data book specifications. |
同様の部品番号 - MC10E016FNR2 |
|
同様の説明 - MC10E016FNR2 |