データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST485EXDR データシート(PDF) 11 Page - STMicroelectronics

部品番号 ST485EXDR
部品情報  짹15KV ESD protected, low power RS-485/RS-422 transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485EXDR データシート(HTML) 11 Page - STMicroelectronics

Back Button ST485EXDR Datasheet HTML 7Page - STMicroelectronics ST485EXDR Datasheet HTML 8Page - STMicroelectronics ST485EXDR Datasheet HTML 9Page - STMicroelectronics ST485EXDR Datasheet HTML 10Page - STMicroelectronics ST485EXDR Datasheet HTML 11Page - STMicroelectronics ST485EXDR Datasheet HTML 12Page - STMicroelectronics ST485EXDR Datasheet HTML 13Page - STMicroelectronics ST485EXDR Datasheet HTML 14Page - STMicroelectronics ST485EXDR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ST485E
Test circuit and typical characteristics
11/19
Figure 8.
Receiver propagation delay
Figure 9.
Receiver enable and disable time


同様の部品番号 - ST485EXDR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST485EXDR STMICROELECTRONICS-ST485EXDR Datasheet
265Kb / 13P
   짹5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485EXDR STMICROELECTRONICS-ST485EXDR Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485EXDR STMICROELECTRONICS-ST485EXDR Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
More results

同様の説明 - ST485EXDR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485ER STMICROELECTRONICS-ST485ER_06 Datasheet
278Kb / 19P
   짹15KV ESD protected, Low power RS-485/RS-422 transceiver
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL4485E RENESAS-ISL4485E Datasheet
620Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
   짹5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485ER STMICROELECTRONICS-ST485ER Datasheet
303Kb / 13P
   5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com