データシートサーチシステム |
|
MC100EL31 データシート(PDF) 4 Page - ON Semiconductor |
|
MC100EL31 データシート(HTML) 4 Page - ON Semiconductor |
4 / 9 page MC10EL31, MC100EL31 http://onsemi.com 4 Table 6. 100EL SERIES PECL DC CHARACTERISTICS VCC = 5.0 V; VEE = 0 V (Note 5) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 27 32 27 32 31 37 mA VOH Output HIGH Voltage (Note 6) 3915 3995 4120 3975 4045 4120 3975 4050 4120 mV VOL Output LOW Voltage (Note 6) 3170 3305 3445 3190 3295 3380 3190 3295 3380 mV VIH Input HIGH Voltage 3835 4120 3835 4120 3835 4120 mV VIL Input LOW Voltage 3190 3525 3190 3525 3190 3525 mV IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 5. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V. 6. Outputs are terminated through a 50 ohm resistor to VCC−2 volts. Table 7. 100EL SERIES NECL DC CHARACTERISTICS VCC = 0 V; VEE = −5.0 V (Note 7) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 27 32 27 32 31 37 mA VOH Output HIGH Voltage (Note 8) −1085 −1005 −880 −1025 −955 −880 −1025 −955 −880 mV VOL Output LOW Voltage (Note 8) −1830 −1695 −1555 −1810 −1705 −1620 −1810 −1705 −1620 mV VIH Input HIGH Voltage −1165 −880 −1165 −880 −1165 −880 mV VIL Input LOW Voltage −1810 −1475 −1810 −1475 −1810 −1475 mV IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 7. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V. 8. Outputs are terminated through a 50 ohm resistor to VCC−2 volts. |
同様の部品番号 - MC100EL31 |
|
同様の説明 - MC100EL31 |