データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC34262PG データシート(PDF) 7 Page - ON Semiconductor

部品番号 MC34262PG
部品情報  Power Factor Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34262PG データシート(HTML) 7 Page - ON Semiconductor

Back Button MC34262PG Datasheet HTML 3Page - ON Semiconductor MC34262PG Datasheet HTML 4Page - ON Semiconductor MC34262PG Datasheet HTML 5Page - ON Semiconductor MC34262PG Datasheet HTML 6Page - ON Semiconductor MC34262PG Datasheet HTML 7Page - ON Semiconductor MC34262PG Datasheet HTML 8Page - ON Semiconductor MC34262PG Datasheet HTML 9Page - ON Semiconductor MC34262PG Datasheet HTML 10Page - ON Semiconductor MC34262PG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MC34262, MC33262
http://onsemi.com
7
Operating Description
The MC34262, MC33262 contain many of the building
blocks and protection features that are employed in modern
high performance current mode power supply controllers.
There are, however, two areas where there is a major
difference when compared to popular devices such as the
UC3842 series. Referring to the block diagram in
Figure 19, note that a multiplier has been added to the
current sense loop and that this device does not contain an
oscillator. The reasons for these differences will become
apparent in the following discussion. A description of each
of the functional blocks is given below.
Figure 18. Active Power Factor Correction Preconverter
Rectifiers
PFC Preconverter
High
Frequency
Bypass
Capacitor
+
Converter
Bulk
Storage
Capacitor
+
Load
MC34362
AC
Line
Error Amplifier
An Error Amplifier with access to the inverting input and
output is provided. The amplifier is a transconductance
type, meaning that it has high output impedance with
controlled voltage−to−current gain. The amplifier features
a typical gm of 100
mmhos (Figure 5). The noninverting
input is internally biased at 2.5 V
± 2.0% and is not pinned
out. The output voltage of the power factor converter is
typically divided down and monitored by the inverting
input. The maximum input bias current is − 0.5
mA, which
can cause an output voltage error that is equal to the product
of the input bias current and the value of the upper divider
resistor R2. The Error Amp output is internally connected
to the Multiplier and is pinned out (Pin 2) for external loop
compensation. Typically, the bandwidth is set below 20 Hz,
so that the amplifier’s output voltage is relatively constant
over a given ac line cycle. In effect, the error amp monitors
the average output voltage of the converter over several
line cycles. The Error Amp output stage was designed to
have
a
relatively
constant
transconductance
over
temperature. This allows the designer to define the
compensated bandwidth over the intended operating
temperature range. The output stage can sink and source
10
mA of current and is capable of swinging from 1.7 V to
6.4 V, assuring that the Multiplier can be driven over its
entire dynamic range.
A key feature to using a transconductance type amplifier,
is that the input is allowed to move independently with
respect to the output, since the compensation capacitor is
connected to ground. This allows dual usage of of the
Voltage Feedback Input pin by the Error Amplifier and by
the Overvoltage Comparator.
Overvoltage Comparator
An Overvoltage Comparator is incorporated to eliminate
the possibility of runaway output voltage. This condition
can occur during initial startup, sudden load removal, or
during output arcing and is the result of the low bandwidth
that must be used in the Error Amplifier control loop. The
Overvoltage Comparator monitors the peak output voltage
of the converter, and when exceeded, immediately
terminates MOSFET switching. The comparator threshold
is internally set to 1.08 Vref. In order to prevent false
tripping during normal operation, the value of the output
filter capacitor C3 must be large enough to keep the
peak−to−peak ripple less than 16% of the average dc
output. The Overvoltage Comparator input to Drive Output
turn−off propagation delay is typically 400 ns. A
comparison of startup overshoot without and with the
Overvoltage Comparator circuit is shown in Figure 23.
Multiplier
A single quadrant, two input multiplier is the critical
element that enables this device to control power factor.
The ac full wave rectified haversines are monitored at Pin 3
with respect to ground while the Error Amp output at Pin 2
is monitored with respect to the Voltage Feedback Input
threshold. The Multiplier is designed to have an extremely
linear transfer curve over a wide dynamic range, 0 V to
3.2 V for Pin 3, and 2.0 V to 3.75 V for Pin 2, Figure 1. The
Multiplier output controls the Current Sense Comparator
threshold as the ac voltage traverses sinusoidally from zero
to peak line, Figure 18. This has the effect of forcing the
MOSFET on−time to track the input line voltage, resulting
in a fixed Drive Output on−time, thus making the
preconverter load appear to be resistive to the ac line. An
approximation of the Current Sense Comparator threshold
can be calculated from the following equation. This
equation is accurate only under the given test condition
stated in the electrical table.
VCS, Pin 4 Threshold ≈ 0.65 (VPin 2 − Vth(M)) VPin 3


同様の部品番号 - MC34262PG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34262PG ONSEMI-MC34262PG Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
More results

同様の説明 - MC34262PG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com