データシートサーチシステム |
|
MC10ELT25 データシート(PDF) 4 Page - ON Semiconductor |
|
MC10ELT25 データシート(HTML) 4 Page - ON Semiconductor |
4 / 8 page MC10ELT25, MC100ELT25 http://onsemi.com 4 Table 7. AC CHARACTERISTICS VCC= 5.0 V; VEE= −5.0 V; GND= 0 V (Note 8 and Note 9) Symbol Characteristic −40°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max fmax Maximum Toggle Frequency 100 MHz tPLH Propagation Delay @ 1.5 V 1.7 3.6 1.7 3.6 1.7 3.6 ns tPHL Propagation Delay @ 1.5 V 2.6 4.1 2.6 4.1 2.6 4.1 ns tJITTER Random Clock Jitter (RMS) 35 ps tr tf Output Rise/Fall Times QTTL 10% − 90% 1.9 2.3 ns VPP Input Swing (Note 10) 200 1000 200 1000 200 1000 mV NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 8. VCC can vary ± 0.25 V. VEE can vary +0.06 V to −0.5 V for 10ELT; VEE can vary +0.8 V to −0.5 V for 100ELT. 9. RL = 500 W to GND and CL = 20 pF to GND. Refer to Figure 2. 10.VPP(min) is the minimum input swing for which AC parameters are guaranteed. The device has a DC gain of ≈ 40. Figure 2. TTL Output Loading Used for Device Evaluation CHARACTERISTIC TEST CL*RL AC TEST LOAD GND *CL includes fixture capacitance APPLICATION TTL RECEIVER |
同様の部品番号 - MC10ELT25_06 |
|
同様の説明 - MC10ELT25_06 |