データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10E197 データシート(PDF) 11 Page - ON Semiconductor

部品番号 MC10E197
部品情報  5V ECL Data Separator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E197 データシート(HTML) 11 Page - ON Semiconductor

Back Button MC10E197_06 Datasheet HTML 7Page - ON Semiconductor MC10E197_06 Datasheet HTML 8Page - ON Semiconductor MC10E197_06 Datasheet HTML 9Page - ON Semiconductor MC10E197_06 Datasheet HTML 10Page - ON Semiconductor MC10E197_06 Datasheet HTML 11Page - ON Semiconductor MC10E197_06 Datasheet HTML 12Page - ON Semiconductor MC10E197_06 Datasheet HTML 13Page - ON Semiconductor MC10E197_06 Datasheet HTML 14Page - ON Semiconductor MC10E197_06 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC10E197
http://onsemi.com
11
Voltage Divider Subsection
The element values for the voltage divider network are
calculated using the relationships presented in Equations 8,
9, and 10 with the constraint that this divider network must
produce a voltage that lies within the range 1.3 V + VEE to
2.6 V + VEE.
Restating Equation 9,
Kd =
Kol
Kφ * Ko * K1 * Kl
From the root locus analysis Kol is determined to be:
Kol = 1.585 e51
V
mA sec3
From Equation 3
K1 = A1 *
1
CIN
and the gain constant K1 is:
K1 = 8.90 e21
V
mA sec
From Equation 5
Kl = Al *
RA
RlA
and the gain constant Kl is:
Kl = 2.48 e15
V
V
Having determined the gain constant Kd , the value of Rv, is
selected such that the constraints Rv > Ro and:
Kd
2π⎥ p2
=
Ro
Ro + Rv
are fulfilled. The pole position P2 is determined from the
root locus analysis to be:
P2 = − 3.06MHz
Hence, Rv is selected to be:
Rv = 2.15kΩ
and Ro is calculated to be:
Ro = 700Ω
Finally, using Equation 8a:
Cd =
1
Rv Kd
eqt. 8a
the capacitor value, Cd is:
Cd = 98pF
Note that the voltage divider section can be used to set the
gain, but the designer is cautioned to be sure the input value
to VCOIN is within the correct range.
Component Scaling
As mentioned, these design equations were developed for
a data rate of 23 Mbit/sec. If the data rate is different from
the nominal design value the reactive elements must be
scaled accordingly. The following equations are provided to
facilitate scaling and were derived with the assumptions that
a 2:7 coding scheme is used and that the RDCLK signal is
twice the frequency of the data clock.
CIN = 278 *
46
f
eqt. 11
(pF)
46
f
Cd = 98 *
eqt. 12
(pF)
where f is the RDCLK frequency in MHz.
Example for an 11 Mbit/sec Data Rate
As an example of scaling, assume the given filter and a 2:7
code are used but the data rate is 11 Mbit/sec. The dynamic
pole positions, and therefore the bandwidth of the loop filter,
are a function of the data rate. Thus a slower data rate will
force the dynamic poles and the bandwidth to move to a
lower frequency. From Equation 11 the value of CIN is:
CIN = 581pF
and from Equation 12 the value of Cd is:
Cd = 205pF
Thus the element values for the filter are:
Filter Input Subsection:
CIN = 581pF
R1 = 1kΩ
Integrator Subsection:
CA = 0.1μF
RA = 5.11kΩ
RlA = 5.11kΩ
Voltage Divider Subsection:
Cd = 205pF
Rv = 2.15kΩ
Ro = 700kΩ
Note, the poles P1 and P2 are now located at:
P1 = − 274kHz
P2 = −1.47MHz


同様の部品番号 - MC10E197_06

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E197 ONSEMI-MC10E197 Datasheet
217Kb / 16P
   DATA SEPARATOR
1996 REV 2
More results

同様の説明 - MC10E197_06

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E197 ONSEMI-MC10E197 Datasheet
217Kb / 16P
   DATA SEPARATOR
1996 REV 2
logo
List of Unclassifed Man...
FDC9216B ETC-FDC9216B Datasheet
191Kb / 4P
   FLOPPY DISK DATA SEPARATOR FDDS
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52_06 Datasheet
153Kb / 9P
   5V ECL Differential Data and Clock D Flip-Flop
December, 2006 ??Rev. 5
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
logo
Fairchild Semiconductor
100EL16 FAIRCHILD-100EL16 Datasheet
138Kb / 5P
   5V ECL Differential Receiver
logo
ON Semiconductor
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC10E112 ONSEMI-MC10E112_06 Datasheet
126Kb / 8P
   5V ECL Quad Driver
November, 2006 ??Rev. 8
logo
List of Unclassifed Man...
SED9420CAC ETC1-SED9420CAC Datasheet
157Kb / 4P
   CMOS DATA SEPARATOR FOR FDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com