データシートサーチシステム |
|
MC100ELT28 データシート(PDF) 3 Page - ON Semiconductor |
|
MC100ELT28 データシート(HTML) 3 Page - ON Semiconductor |
3 / 9 page MC10ELT28, MC100ELT28 http://onsemi.com 3 Table 4. 10ELT SERIES PECL DC CHARACTERISTICS VCC= 5.0 V; GND= 0.0 V (Note 2) Symbol Characteristic −40°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max VOH Output HIGH Voltage (Note 3) 3920 4010 4110 4020 4105 4190 4090 4185 4280 mV VOL Output LOW Voltage (Note 3) 3050 3200 3350 3050 3210 3370 3050 3227 3405 mV VIH Input HIGH Voltage (Single−Ended) 3770 4110 3870 4190 3940 4280 mV VIL Input LOW Voltage (Single−Ended) 3050 3500 3050 3520 3050 3555 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential) (Note 4) 2.2 5.0 2.2 5.0 2.2 5.0 V IIH Input HIGH Current 255 175 175 mA IIL Input LOW Current 0.5 0.5 0.3 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 2. Input and output parameters vary 1:1 with VCC. VCC can vary ± 0.25 V. 3. PECL outputs are terminated through a 50 W resistor to VCC − 2 V. 4. VIHCMR min varies 1:1 with GND, VIHCMR max varies 1:1 with VCC. Table 5. 100ELT SERIES PECL DC CHARACTERISTICS VCC= 5.0 V; GND= 0.0 V (Note 5) Symbol Characteristic −40°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max VOH Output HIGH Voltage (Note 6) 3915 3995 4120 3975 4045 4120 3975 4050 4120 mV VOL Output LOW Voltage (Note 6) 3170 3305 3445 3190 3295 3380 3190 3295 3380 mV VIH Input HIGH Voltage (Single−Ended) 3835 4120 3835 4120 3835 4120 mV VIL Input LOW Voltage (Single−Ended) 3190 3525 3190 3525 3190 3525 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential) (Note 7) 2.2 5.0 2.2 5.0 2.2 5.0 V IIH Input HIGH Current 255 175 175 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 5. Input and output parameters vary 1:1 with VCC. VCC can vary ± 0.25 V. 6. PECL outputs are terminated through a 50 W resistor to VCC − 2 V. 7. VIHCMR min varies 1:1 with GND, VIHCMR max varies 1:1 with VCC. Table 6. TTL OUTPUT DC CHARACTERISTICS VCC = 4.75V to 5.25V; TA = −40°C to 85°C Symbol Characteristic Condition Min Typ Max Unit VOH Output HIGH Voltage IOH = −3.0 mA 2.4 V VOL Output LOW Voltage IOL = 24 mA 0.5 V ICCH Power Supply Current 27 40 mA ICCL Power Supply Current 29 42 mA IOS Output Short Circuit Current −150 −60 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. |
同様の部品番号 - MC100ELT28 |
|
同様の説明 - MC100ELT28 |