データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10EL11MNR4G データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10EL11MNR4G
部品情報  5.0 V ECL 1:2 Differential Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL11MNR4G データシート(HTML) 1 Page - ON Semiconductor

  MC10EL11MNR4G Datasheet HTML 1Page - ON Semiconductor MC10EL11MNR4G Datasheet HTML 2Page - ON Semiconductor MC10EL11MNR4G Datasheet HTML 3Page - ON Semiconductor MC10EL11MNR4G Datasheet HTML 4Page - ON Semiconductor MC10EL11MNR4G Datasheet HTML 5Page - ON Semiconductor MC10EL11MNR4G Datasheet HTML 6Page - ON Semiconductor MC10EL11MNR4G Datasheet HTML 7Page - ON Semiconductor MC10EL11MNR4G Datasheet HTML 8Page - ON Semiconductor MC10EL11MNR4G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006− Rev. 9
1
Publication Order Number:
MC10EL11/D
MC10EL11, MC100EL11
5.0 VECL 1:2 Differential
Fanout Buffer
The MC10EL/100EL11 is a differential 1:2 fanout buffer. The device
is functionally similar to the E111 device but with higher performance
capabilities. The within-device skew and propagation delay is
significantly improved over the E111.
The differential inputs of the EL11 employ clamping circuitry to
maintain stability under open input conditions. If the inputs are left open
(pulled to VEE) the Q outputs will go LOW.
The 100 Series contains temperature compensation.
Features
265 ps Propagation Delay
5 ps Skew Between Outputs
PECL Mode Operating Range: VCC = 4.2 V to 5.7 with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors
Pb−Free Packages are Available
1
2
3
4
5
6
7
8
D
VEE
VCC
Figure 1. Logic Diagram and Pinout Assignment
Q0
Q0
D
Q1
Q1
D, D
ECL Data Inputs
Q0, Q0; Q1, Q1
ECL Data Outputs
VCC
Positive Supply
VEE
Negative Supply
EP
Exposed pad must be connected to a
sufficient thermal conduit. Electrically
connect to the most negative supply or
leave floating open.
Table 1. PIN DESCRIPTION
PIN
FUNCTION
*For additional marking information, refer to
Application Note AND8002/D.
MARKING
DIAGRAMS*
(Note: Microdot may be in either location)
KL11
ALYWG
G
SOIC−8
D SUFFIX
CASE 751
1
8
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
KEL11
ALYW
G
1
8
L = Wafer Lot
Y = Year
W = Work Week
M = Date Code
G = Pb−Free Package
H = MC10
K = MC100
4Q = MC10
2E = MC100
A = Assembly Location
HEL11
ALYW
G
1
8
HL11
ALYWG
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
14


同様の部品番号 - MC10EL11MNR4G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EL11 ONSEMI-MC10EL11 Datasheet
166Kb / 8P
   5.0V ECL 1:2 Differential Fanout Buffer
July, 2016??Rev. 11
logo
Motorola, Inc
MC10EL11 MOTOROLA-MC10EL11 Datasheet
61Kb / 3P
   1:2 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC10EL11D ONSEMI-MC10EL11D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EL11DG ONSEMI-MC10EL11DG Datasheet
166Kb / 8P
   5.0V ECL 1:2 Differential Fanout Buffer
July, 2016??Rev. 11
MC10EL11DR2G ONSEMI-MC10EL11DR2G Datasheet
166Kb / 8P
   5.0V ECL 1:2 Differential Fanout Buffer
July, 2016??Rev. 11
More results

同様の説明 - MC10EL11MNR4G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EL11 ONSEMI-MC10EL11_16 Datasheet
166Kb / 8P
   5.0V ECL 1:2 Differential Fanout Buffer
July, 2016??Rev. 11
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com