データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJD112 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MJD112
部品情報  Complementary Darlington Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD112 データシート(HTML) 1 Page - ON Semiconductor

  MJD112_06 Datasheet HTML 1Page - ON Semiconductor MJD112_06 Datasheet HTML 2Page - ON Semiconductor MJD112_06 Datasheet HTML 3Page - ON Semiconductor MJD112_06 Datasheet HTML 4Page - ON Semiconductor MJD112_06 Datasheet HTML 5Page - ON Semiconductor MJD112_06 Datasheet HTML 6Page - ON Semiconductor MJD112_06 Datasheet HTML 7Page - ON Semiconductor MJD112_06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 7
1
Publication Order Number:
MJD112/D
MJD112 (NPN)
MJD117 (PNP)
Preferred Device
Complementary Darlington
Power Transistors
DPAK For Surface Mount Applications
Designed for general purpose power and switching such as output or
driver stages in applications such as switching regulators, converters,
and power amplifiers.
Features
Lead Formed for Surface Mount Applications in Plastic Sleeves
(No Suffix)
Straight Lead Version in Plastic Sleeves (“−1” Suffix)
Electrically Similar to Popular TIP31 and TIP32 Series
Pb−Free Packages are Available
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Collector−Emitter Voltage
VCEO
100
Vdc
Collector−Base Voltage
VCB
100
Vdc
Emitter−Base Voltage
VEB
5
Vdc
Collector Current
− Continuous
− Peak
IC
2
4
Adc
Base Current
IB
50
mAdc
Total Power Dissipation @ TC = 25°C
Derate above 25
°C
PD
20
0.16
W
W/
°C
Total Power Dissipation (Note1)
@ TA = 25°C
Derate above 25
°C
PD
1.75
0.014
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−65 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
6.25
°C/W
Thermal Resistance, Junction−to−Ambient
(Note 1)
RqJA
71.4
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. These ratings are applicable when surface mounted on the minimum pad
sizes recommended.
SILICON
POWER TRANSISTORS
2 AMPERES
100 VOLTS, 20 WATTS
DPAK−3
CASE 369D
DPAK
CASE 369C
MARKING
DIAGRAMS
Preferred devices are recommended choices for future use
and best overall value.
Y
= Year
WW
= Work Week
x
= 2 or 7
G
= Pb−Free Package
1 2
3
4
YWW
J11xG
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
1
2
3
4
YWW
J11xG
http://onsemi.com


同様の部品番号 - MJD112_06

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
MJD112 FAIRCHILD-MJD112_06 Datasheet
153Kb / 5P
   NPN Silicon Darlington Transistor
More results

同様の説明 - MJD112_06

メーカー部品番号データシート部品情報
logo
STMicroelectronics
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
NJVMJD112 ONSEMI-NJVMJD112 Datasheet
153Kb / 10P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
TIP122FP STMICROELECTRONICS-TIP122FP_09 Datasheet
646Kb / 11P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
STMicroelectronics
TIP142 STMICROELECTRONICS-TIP142 Datasheet
166Kb / 8P
   Complementary power Darlington transistors
2STW100 STMICROELECTRONICS-2STW100 Datasheet
121Kb / 7P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_V01 Datasheet
207Kb / 11P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
MJD122T4 STMICROELECTRONICS-MJD122T4 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
STX112 STMICROELECTRONICS-STX112 Datasheet
343Kb / 9P
   Complementary power Darlington transistors
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122 Datasheet
137Kb / 8P
   Complementary Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com