データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F823SPC データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 74F823SPC
部品情報  9-Bit D-Type Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F823SPC データシート(HTML) 2 Page - Fairchild Semiconductor

  74F823SPC Datasheet HTML 1Page - Fairchild Semiconductor 74F823SPC Datasheet HTML 2Page - Fairchild Semiconductor 74F823SPC Datasheet HTML 3Page - Fairchild Semiconductor 74F823SPC Datasheet HTML 4Page - Fairchild Semiconductor 74F823SPC Datasheet HTML 5Page - Fairchild Semiconductor 74F823SPC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The 74F823 device consists of nine D-type edge-triggered
flip-flops. It has 3-STATE true outputs and is organized in
broadside pinning. The buffered Clock (CP) and buffered
Output Enable (OE) are common to all flip-flops. The
flip-flops will store the state of their individual D inputs that
meet the setup and hold times requirements on the
LOW-to-HIGH CP transition. With the OE LOW the con-
tents of the flip-flops are available at the outputs. When the
OE is HIGH, the outputs go to the high impedance state.
Operation of the OE input does not affect the state of the
flip-flops. In addition to the Clock and Output Enable pins,
the 74F823 has Clear (CLR) and Clock Enable (EN) pins.
When the CLR is LOW and the OE is LOW, the outputs are
LOW. When CLR is HIGH, data can be entered into the
flip-flops. When EN is LOW, data on the inputs is trans-
ferred to the outputs on the LOW-to-HIGH clock transition.
When the EN is HIGH, the outputs do not change state
regardless of the data or clock inputs transitions. This
device is ideal for parity bus interfacing in high perfor-
mance systems.
Function Table
L
= LOW Voltage Level
H
= HIGH Voltage Level
X
= Immaterial
Z
= High Impedance
 = LOW-to-HIGH Transition
NC
= No Change
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
D0–D8
Data Inputs
1.0/1.0
20
µA/−0.6 mA
OE
Output Enable Input
1.0/1.0
20
µA/−0.6 mA
CLR
Clear
1.0/1.0
20
µA/−0.6 mA
CP
Clock Input
1.0/2.0
20
µA/−1.2 mA
EN
Clock Enable
1.0/1.0
20
µA/−0.6 mA
O0–O8
3-STATE Outputs
150/40 (33.3)
−3 mA/24 mA (20 mA)
Inputs
Internal Output
Function
OE CLR EN CP D
Q
O
HHL
H
X
NC
Z
Hold
HHL
L
X
NC
Z
Hold
H
H
H
X
X
NC
Z
Hold
LH
H
X
X
NC
NC
Hold
H
L
X
X
X
H
Z
Clear
L
L
X
X
X
H
L
Clear
HHL
 H
H
Z
Load
HHL
 H
L
Z
Load
LH
L
 L
H
L
Data Available
LH
L
 H
L
H
Data Available
L
H
L
H
X
NC
NC
No Change in Data
L
H
L
L
X
NC
NC
No Change in Data


同様の部品番号 - 74F823SPC

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F823SPC NSC-74F823SPC Datasheet
158Kb / 8P
   9-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74F823SPC FAIRCHILD-74F823SPC Datasheet
52Kb / 6P
   9-Bit D-Type Flip-Flop
More results

同様の説明 - 74F823SPC

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54F823SDM NSC-54F823SDM Datasheet
158Kb / 8P
   9-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74ACT823 FAIRCHILD-74ACT823 Datasheet
76Kb / 7P
   9-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823 Datasheet
52Kb / 6P
   9-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54ACT823 NSC-54ACT823 Datasheet
134Kb / 8P
   9-Bit D Flip-Flop
74ACT823 NSC-74ACT823 Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
logo
Fairchild Semiconductor
74F825 FAIRCHILD-74F825 Datasheet
52Kb / 6P
   8-Bit D-Type Flip-Flop
logo
NXP Semiconductors
74ABT16273 PHILIPS-74ABT16273 Datasheet
85Kb / 10P
   16-bit D-type flip-flop
1998 Feb 27
logo
National Semiconductor ...
54F825SDM NSC-54F825SDM Datasheet
161Kb / 8P
   8-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74F821 FAIRCHILD-74F821 Datasheet
49Kb / 6P
   10-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F821SDM NSC-54F821SDM Datasheet
153Kb / 8P
   10-Bit D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com