データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10EP16D データシート(PDF) 8 Page - ON Semiconductor

部品番号 MC10EP16D
部品情報  3.3V / 5V ECL Differential Receiver/Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP16D データシート(HTML) 8 Page - ON Semiconductor

Back Button MC10EP16D Datasheet HTML 3Page - ON Semiconductor MC10EP16D Datasheet HTML 4Page - ON Semiconductor MC10EP16D Datasheet HTML 5Page - ON Semiconductor MC10EP16D Datasheet HTML 6Page - ON Semiconductor MC10EP16D Datasheet HTML 7Page - ON Semiconductor MC10EP16D Datasheet HTML 8Page - ON Semiconductor MC10EP16D Datasheet HTML 9Page - ON Semiconductor MC10EP16D Datasheet HTML 10Page - ON Semiconductor MC10EP16D Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MC10EP16, MC100EP16
http://onsemi.com
8
ORDERING INFORMATION
Device
Package
Shipping
MC10EP16D
SOIC−8
98 Units / Rail
MC10EP16DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC10EP16DR2
SOIC−8
2500 / Tape & Reel
MC10EP16DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC10EP16DT
TSSOP−8
100 Units / Rail
MC10EP16DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC10EP16DTR2
TSSOP−8
2500 / Tape & Reel
MC10EP16DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC10EP16MNR4
DFN8
1000 / Tape & Reel
MC10EP16MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
MC100EP16D
SOIC−8
98 Units / Rail
MC100EP16DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC100EP16DR2
SOIC−8
2500 / Tape & Reel
MC100EP16DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC100EP16DT
TSSOP−8
100 Units / Rail
MC100EP16DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC100EP16DTR2
TSSOP−8
2500 / Tape & Reel
MC100EP16DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC100EP16MNR4
DFN8
1000 / Tape & Reel
MC100EP16MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


同様の部品番号 - MC10EP16D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP16D ONSEMI-MC10EP16D Datasheet
87Kb / 8P
   Differential Receiver
Sep, 1999 ??Rev. 1.0
MC10EP16D ONSEMI-MC10EP16D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EP16DG ONSEMI-MC10EP16DG Datasheet
194Kb / 11P
   ECL Differential Receiver/Driver
August, 2016 ??Rev. 7
MC10EP16DR2 ONSEMI-MC10EP16DR2 Datasheet
87Kb / 8P
   Differential Receiver
Sep, 1999 ??Rev. 1.0
MC10EP16DR2G ONSEMI-MC10EP16DR2G Datasheet
194Kb / 11P
   ECL Differential Receiver/Driver
August, 2016 ??Rev. 7
More results

同様の説明 - MC10EP16D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
logo
Micrel Semiconductor
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
logo
ON Semiconductor
MC10EP16T ONSEMI-MC10EP16T Datasheet
75Kb / 8P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
September, 2002 ??Rev. 3
MC10EP16VA ONSEMI-MC10EP16VA_06 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC10EP16T ONSEMI-MC10EP16T_06 Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC100EP16F ONSEMI-MC100EP16F Datasheet
150Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing
December, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com