データシートサーチシステム |
|
MC100EP016FA データシート(PDF) 9 Page - ON Semiconductor |
|
MC100EP016FA データシート(HTML) 9 Page - ON Semiconductor |
9 / 14 page MC10EP016, MC100EP016 http://onsemi.com 9 Applications Information Cascading Multiple EP016 Devices For applications which call for larger than 8-bit counters multiple EP016s can be tied together to achieve very wide bit width counters. The active low terminal count (TC) output and count enable input (CE) greatly facilitate the cascading of EP016 devices. Two EP016s can be cascaded without the need for external gating, however for counters wider than 16 bits external OR gates are necessary for cascade implementations. Figure 3 below pictorially illustrates the cascading of 4 EP016s to build a 32-bit high frequency counter. Note the EP01 gates used to OR the terminal count outputs of the lower order EP016s to control the counting operation of the higher order bits. When the terminal count of the preceding device (or devices) goes low (the counter reaches an all 1s state) the more significant EP016 is set in its count mode and will count one binary digit upon the next positive clock transition. In addition, the preceding devices will also count one bit thus sending their terminal count outputs back to a high state disabling the count operation of the more significant counters and placing them back into hold modes. Therefore, for an EP016 in the chain to count, all of the lower order terminal count outputs must be in the low state. The bit width of the counter can be increased or decreased by simply adding or subtracting EP016 devices from Figure 3 and maintaining the logic pattern illustrated in the same figure. The maximum frequency of operation for a cascaded counter chain is set by the propagation delay of the TC output, the necessary setup time of the CE input, and the propagation delay through the OR gate controlling it (for 16−bit counters the limitation is only the TC propagation delay and the CE setup time). Figure 3 shows EP01 gates used to control the count enable inputs, however, if the frequency of operation is slow enough, a LVECL OR gate can be used. Using the worst case guarantees for these parameters. Figure 3. 32-Bit Cascaded EP016 Counter CLK P0 to P7 TC CLK P0 to P7 TC CLK EP01 P0 to P7 P0 to P7 MSB EP016 Q0 to Q7 Q0 to Q7 Q0 to Q7 EP016 Q0 to Q7 EP016 PE CE LSB EP016 PE CE LOAD LO CLK CLK CLK EP01 TC CLK PE CE CLK TC CLK PE CE CLK Note that this assumes the trace delay between the TC outputs and the CE inputs are negligible. If this is not the case estimates of these delays need to be added to the calculations. Programmable Divider The EP016 has been designed with a control pin which makes it ideal for use as an 8-bit programmable divider. The TCLD pin (load on terminal count) when asserted reloads the data present at the parallel input pin (Pn’s) upon reaching terminal count (an all 1s state on the outputs). Because this feedback is built internal to the chip, the programmable division operation will run at very nearly the same frequency as the maximum counting frequency of the device. Figure 4 below illustrates the input conditions necessary for utilizing the EP016 as a programmable divider set up to divide by 113. |
同様の部品番号 - MC100EP016FA |
|
同様の説明 - MC100EP016FA |